Electronic Components Datasheet Search |
|
GPP10J Datasheet(PDF) 1 Page - Vishay Siliconix |
|
GPP10J Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page GPP10A, GPP10B, GPP10D, GPP10G, GPP10J, GPP10K, GPP10M www.vishay.com Vishay General Semiconductor Revision: 13-Aug-13 1 Document Number: 88641 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Glass Passivated Junction Plastic Rectifier FEATURES • Glass passivated chip junction • Low forward voltage drop • Low leakage current, typical IR less than 0.1 μA • High forward surge capability • Meets environmental standard MIL-S-19500 • Solder dip 275 °C max. 10 s, per JESD 22-B106 • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 TYPICAL APPLICATIONS For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application. MECHANICAL DATA Case: DO-204AL, molded epoxy over passivated chip Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test Polarity: Color band denotes cathode end PRIMARY CHARACTERISTICS IF(AV) 1.0 A VRRM 50 V, 100 V, 200 V, 400 V, 600 V, 800 V, 1000 V IFSM 30 A IR 5.0 μA VF at IF = 1.0 A 1.1 V TJ max. 150 °C Package DO-204AL (DO-41) Diode variations Single die DO-204AL (DO-41) MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL GPP10A GPP10B GPP10D GPP10G GPP10J GPP10K GPP10M UNIT Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current 0.375" (9.5 mm) lead length at TA = 75 °C IF(AV) 1.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 30 A Maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length TA = 75 °C IR(AV) 30 μA Operating junction and storage temperature range TJ, TSTG - 55 to + 150 °C |
Similar Part No. - GPP10J |
|
Similar Description - GPP10J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |