Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFE300-28 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PFE300-28
Description  300 to 714W AC-DC Power Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PFE300-28 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PFE300-28 Datasheet HTML 1Page - List of Unclassifed Manufacturers PFE300-28 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PFE300-700
3055 Del Sol Blvd • San Diego, CA 92154 • 1-800-LAMBDA-4
62
PAE, PAH, PAF
50 to 600W DC-DC converters
CC-E, PX
1.5 to 40W DC-DC converters
Other Lambda Products
PFE500 Basic connection
PFE500 and PFE700 Outline Drawing
PFE500F Outline Drawing
Revision B3: Mar 2008
For Additional Information, please visit
www.lambdapower.com/products/pfe-series.htm
HAF-10L
116.8 x 25.4 x 61
2.2°C/W
HAF-15L
116.8 x 38.1 x 61
1.9°C/W
HAF-15T
116.8 x 38.1 x 61
1.5°C/W
Heatsink
Size (mm)
Thermal Resistance
Heatsink Table
Blank
M3 tapped mounting inserts (4)
/T
3.3mm non-threaded inserts (4)
Suffix
Description
Options
PFE300-12
12
9.6 - 14.4
25
300
48
48
81 / 83
PFE500-12
12
9.6 - 14.4
33
396
48
48
82 / 83
PFE500F-12
12
9.6 - 14.4
42
504
48
48
81 / 83
PFE300-28
28
22.4 - 33.6
10.8
302
56
56
83 / 85
PFE500-28
28
22.4 - 33.6
18
504
56
56
84 / 86
PFE500F-28
28
22.4 - 33.6
18
504
56
56
84 / 86
PFE300-48
48
38.4 - 57.6
6.3
302
96
96
84 / 86
PFE500-48
48
38.4 - 57.6
10.5
504
96
96
84 / 86
PFE500F-48
48
38.4 - 57.6
10.5
504
96
96
84 / 86
PFE700-48
51
None
14
714
50 - 57V (5)
86 / 89
(4) 100 / 200VAC
(5) Total regulation range
Output
Adjust.
Maximum
Maximum
Load
Line
Efficiency
Model
Voltage (V)
Range (V)
Current (A)
Wattage (W)
Reg. (mV)
Reg. (mV)
typ (4)
Model Selector


Similar Part No. - PFE300-28

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFE3000-12-069RA BEL-PFE3000-12-069RA Datasheet
2Mb / 27P
   3000 Watt AC/DC
PFE3000-12-069RA BEL-PFE3000-12-069RA Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
PFE3000-12-069RA BEL-PFE3000-12-069RA_18 Datasheet
2Mb / 27P
   3000W AC-DC FRONT-END POWER SUPPLY
logo
TDK Electronics
PFE300S-12 TDK-PFE300S-12 Datasheet
384Kb / 2P
   300 to 1008W AC-DC Power Module
PFE300S-12 TDK-PFE300S-12 Datasheet
215Kb / 3P
   300 to 1008W AC-DC Power Module
More results

Similar Description - PFE300-28

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PFE500S48 TDK-PFE500S48 Datasheet
215Kb / 3P
   300 to 1008W AC-DC Power Module
PFE500S-28 TDK-PFE500S-28 Datasheet
384Kb / 2P
   300 to 1008W AC-DC Power Module
PFE-SA TDK-PFE-SA Datasheet
592Kb / 2P
   300-1008W AC-DC Power Module
logo
C&D Technologies
NX301 CANDD-NX301 Datasheet
64Kb / 4P
   300 WATT AC/DC POWER SUPPLY
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
AHC08 ARCH-AHC08 Datasheet
216Kb / 4P
   AC-DC Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com