Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSAT500 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZSAT500
Description  5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSAT500 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZSAT500 Datasheet HTML 1Page - Diodes Incorporated ZSAT500 Datasheet HTML 2Page - Diodes Incorporated ZSAT500 Datasheet HTML 3Page - Diodes Incorporated ZSAT500 Datasheet HTML 4Page - Diodes Incorporated ZSAT500 Datasheet HTML 5Page - Diodes Incorporated ZSAT500 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZSAT500
V = 9V
I = 5mA
-50
-25
0
25
50
75
100
125
Temperature (°C)
Peak Output Current v Temperature
500
400
300
200
100
0
V = 0
V = 10V
O
IN
-50
-25
0
25
50
75
100
125
Temperature (°C)
Io=100mA
Io=200mA
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
-50
-25
0
25
50
75
100
125
Temperature (°C)
450
400
350
300
250
Quiescent Current v Temperature
O
IN
-50
-25
0
25
50
75
100
125
5.00
4.98
Temperature (°C)
Output Voltage Temperature Coefficient
4.99
5.01
010
20
30
40
50
-0.5
0
+0.5
Time (
µs)
Line Transient Response
14V
9V
010
20
30
40
50
-0.5
0
+0.5
0
LOAD CURRENT
Time (
µs)
Load Transient Response
VIN= 9V
COUT = 0
dIo/dt = 1A/
µs
100 mA
OUTPUT VOLTAGE
DEVIATION
INPUT VOLTAGE
OUTPUT VOLTAGE
DEVIATION
TYPICAL CHARACTERISTICS
V =9V
I = 0
O
IN
dVin/dt = 5V/
µs
IO=100mA
COUT = 0
5.02
5.03
4.96
4.97
4-301
Not Recommended for New Design
Please Use ZSR500


Similar Part No. - ZSAT500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT500C ZETEX-ZSAT500C Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT500G ZETEX-ZSAT500G Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT500N8 ZETEX-ZSAT500N8 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSAT500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZSAT600 DIODES-ZSAT600 Datasheet
86Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR300CSTZ ZETEX-ZSR300CSTZ Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com