Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR50HFTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMR50HFTA
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR50HFTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMR50HFTA Datasheet HTML 1Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 2Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 3Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 4Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 5Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 6Page - Diodes Incorporated ZMR50HFTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
2 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Input Voltage
ZMR250
ZMR330
ZMR500
22.5
24
25
V
Power Dissipation (TAMB = +25°C) (Note 6)
SOT23
500
mW
Output Current (IO)
100
mA
Ambient Temperature
-55 to +125
°C
Maximum Junction Temperature
125
°C
Storage Temperature
-65 to +150
°C
Notes:
4. The maximum operating input voltage and output current of the device will be governed by the maximum power dissipation of the selected package.
Maximum package power dissipation is specified at 25°C and must be linearly derated to zero at TAMB = +125°C.
5. The following data represents pulse test conditions with junction temperatures as indicated at the initiation of the test. Continuous operation of the
devices with the stated conditions might exceed the power dissipation limits of the chosen package.
6. Maximum power dissipation for the SOT23 package, is calculated assuming that the device is mounted on a ceramic substrate measuring
15x15x0.6mm.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Electrical Characteristics (@TA = +25°C, I
O = 10mA, VIN = 6.5V, unless otherwise specified.)
ZMR250
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VO
Output Voltage
2.438
2.5
2.563
V
IO = 0 to 50mA
TJ = -55°C to +125°C
2.360
2.640
V
VIN = 4.5 to 22.5V
IO = 0 to 50mA
TJ = -55°C to +125°C
2.630
2.640
V
ΔVO
Line Regulation
VIN = 4.5 to 22.5V
5
15
mV
ΔVO
Load Regulation
IO = 0 to 50mA
IO = 0 to 10mA
20
12
30
mV
IS
Supply Current
TJ = -55°C to +125°C
30
40
µA
ΔIS
Supply Current
Change
IO = 0 to 50mA
VIN = 4.5 to 22.5V
1
2
±10
10
µA
VN
Output Noise
Voltage
f = 10Hz to 10kHz
65
µVrms
ΔVIN/ΔVO
Ripple Rejection
VIN = 6.3 to 18V
f = 120Hz
55
75
dB
VIN
Input Voltage
Required to Maintain
Regulation
3.9
V
ΔVOT
AverageTemperature
Coeffcient VO
IO = 5.0mA
TJ = -55°C to +125°C
0.275
0.700
mV/°C
Input Voltage Range
Min
Max
Unit
ZMR250
4.2
22.5
V
ZMR330
4.8
24
V
ZMR500
7.0
25
V


Similar Part No. - ZMR50HFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR50HFTA ZETEX-ZMR50HFTA Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR50HFTA ZETEX-ZMR50HFTA Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR50HFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com