Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMR330F-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZMR330F-7
Description  FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMR330F-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  ZMR330F-7 Datasheet HTML 1Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 2Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 3Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 4Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 5Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 6Page - Diodes Incorporated ZMR330F-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZMR Series
Document number: DS32195 Rev. 11 - 2
6 of 7
www.diodes.com
March 2013
© Diodes Incorporated
ZMR Series
Ordering Information
Part Number
Package
Part Mark
Status
Reel Size
(inches)
Quantity
per reel
Tape Width
(mm)
ZMR25HFTA
SOT23
25X
Obsolete
replaced by
ZMR250FTA
7”
3000
8mm
ZMR50HFTA
SOT23
50R
Obsolete
replaced by
ZMR500FTA
7”
3000
8mm
ZMR250FTA
SOT23
25K
Released
7”
3000
8mm
ZMR330FTA
SOT23
330
Released
7”
3000
8mm
ZMR330F-7*
SOT23
330
Released
7”
3000
8mm
ZMR500FTA
SOT23
50K
Released
7”
3000
8mm
*
All TO92 variants (ZMRxxxC) are obsolete. Closest replacements are the ZMRxxxFTA.
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT23
TO92
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11

-
All Dimensions in mm
TO92
Dim
Min
Max
Typ
A
3.45
3.66
B
4.27
4.78
b
0.38
c
0.38
D
3.87
E
4.32
4.83
e
1.27
e2
2.40
2.90
L
12.98 15.00
L1
12.80 15.00
L2
0.80
-
L3
2.00
3.00
N
1.22
1.37
All Dimensions in mm
A
M
J
L
D
F
B C
H
K
G
K1
 
EJECTION
MARK
LOOSE PRODUCT
TAPED PRODUCT
EJECTION
MARK
B
E
b
e
e
D
N
c
e2
e2
L1
E
L2
L3
A
L


Similar Part No. - ZMR330F-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR330FTA ZETEX-ZMR330FTA Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
ZMR330FTA ZETEX-ZMR330FTA Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR330FTA ZETEX-ZMR330FTA Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
More results

Similar Description - ZMR330F-7

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
   FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
SG109 MICROSEMI-SG109 Datasheet
50Kb / 3P
   5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZTR250 DIODES-ZTR250 Datasheet
90Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
logo
Zetex Semiconductors
ZTR250 ZETEX-ZTR250 Datasheet
98Kb / 6P
   FIXED 2.5 AND 5 VOLT 3-TERMINAL VOLTAGE REFERENCES
ZMR330 ZETEX-ZMR330 Datasheet
138Kb / 8P
   3.3 VOLT MINIATURE VOLTAGE REGULATOR
logo
Texas Instruments
LM2937IMP-33 TI1-LM2937IMP-33 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com