Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLLS410TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLLS410TA
Description  10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS410TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLLS410TA Datasheet HTML 1Page - Diodes Incorporated ZLLS410TA Datasheet HTML 2Page - Diodes Incorporated ZLLS410TA Datasheet HTML 3Page - Diodes Incorporated ZLLS410TA Datasheet HTML 4Page - Diodes Incorporated ZLLS410TA Datasheet HTML 5Page - Diodes Incorporated ZLLS410TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZLLS410
Document number: DS32080 Rev. 3 - 2
3 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZLLS410
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
10
V
IR = 200µA
Forward Voltage (Note 6)
VF
285
350
500
300
380
580
mV
mV
mV
IF = 10mA
IF = 100mA
IF = 1A
Reverse Current
IR
0.5
0.7
1
4
5
6
200
μA
μA
μA
μA
VR = 5V
VR = 8V
VR = 10V
VR = 8V, TA = 85°C
Diode Capacitance
CD
37
pF
f = 1MHz, VR = 10V
Reverse Recovery Time
Reverse Recovery Charge
trr
Qrr
3
210
ns
pC
Switched from IF = 500mA to VR = 5.5V
Measured @ IR = 50mA.
di/dt = 500mA/ns,
Rsource = 6Ω; Rload = 10Ω
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300μs. Duty cycle < 2%
Operational efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring higher voltage, higher temperature
operation. Circuits requiring low voltage low temperature operation will benefit from using Zetex low VF ZHCS series diodes.


Similar Part No. - ZLLS410TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS410TA ZETEX-ZLLS410TA Datasheet
395Kb / 8P
   10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410TA DIODES-ZLLS410TA Datasheet
571Kb / 6P
   10V Low leakage Schottky diode in SOD323
More results

Similar Description - ZLLS410TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
   10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410 DIODES-ZLLS410_12 Datasheet
571Kb / 6P
   10V Low leakage Schottky diode in SOD323
logo
Microsemi Corporation
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
logo
Nexperia B.V. All right...
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
   Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
logo
Microsemi Corporation
1N6819 MICROSEMI-1N6819 Datasheet
88Kb / 2P
   LOW LEAKAGE CURRENT SCHOTTKY DIODE
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com