Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE540 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # P6KE540
Description  TRANSZORB Transient Voltage Suppressors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE540 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button P6KE540 Datasheet HTML 5Page - Vishay Siliconix P6KE540 Datasheet HTML 6Page - Vishay Siliconix P6KE540 Datasheet HTML 7Page - Vishay Siliconix P6KE540 Datasheet HTML 8Page - Vishay Siliconix P6KE540 Datasheet HTML 9Page - Vishay Siliconix P6KE540 Datasheet HTML 10Page - Vishay Siliconix P6KE540 Datasheet HTML 11Page - Vishay Siliconix P6KE540 Datasheet HTML 12Page - Vishay Siliconix P6KE540 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Packaging Information
www.vishay.com
Vishay General Semiconductor
Revision: 01-Feb-13
2
Document Number: 88869
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BULK PACKAGING
CASE TYPES
PREFERRED
PACKAGE
CODE
PACKAGING
BOX SIZE
QUANTITY
INCHES
cm
EA.
DF-M, DF-S, DFL-S
45
Anti-static plastic tubes
17.4 length
44.1 length
50
GSIB-3S
45
Anti-static plastic tubes
25.1 length
63.9 length
20
GSIB-5S, PB
45
Anti-static plastic tubes
24.2 length
61.5 length
20
GBU, BU
45
Anti-static plastic tubes
18.5 length
47 length
20
GBL
45
Anti-static plastic tubes
17.5 length
44.5 length
20
KBPM
45
Anti-static plastic tubes
18.5 length
47 length
30
TO-220AB/AC, ITO-220AC/AB, TO-262AA
45, 4W
Anti-static plastic tubes
21.0 length
53.7 length
50
TO-247AD
45
Anti-static plastic tubes
20.0 length
50.8 length
30
TO-269AA (MB-S)
45
Anti-static plastic tubes
20.3 x 0.41
51.5 x 1.04
100
KBPM
51
Anti-static PVC tray
12.5 x 6.5 x 1.25
31.7 x 16.5 x 3.17
600
GBL
51
Anti-static PVC tray
12.5 x 6.1 x 1.0
30.9 x 15.5 x 2.5
400
GBPC12-35W
51
Paper box
12.5 x 12.5 x 1.7
31.7 x 31.7 x 4.3
100
GBPC1, GBPC6
51
Paper box
7.5 x 7.5 x 1.43
19.0 x 19.0 x 3.6
100
KBL
51
Anti-static PVC tray
12.2 x 6.1 x 1.5
30.9 x 15.5 x 3.8
300
GBPC12-35
51
Paper box
12.5 x 12.5 x 1.7
31.7 x 31.7 x 4.3
100
KBU4, 6, 8
51
Anti-static PVC tray
12.2 x 6.1 x 1.5
30.9 x 15.5 x 3.8
250
WOG, 2WOG
51
Plastic bags
-
-
100
GBU, /BU
51
Paper tray
13.1 x 6.6 x 1.2
33.2 x 17.2 x 3.0
250
KBPM
72
Paper box
7.4 x 7.4 x 1.5
18.8 x 18.8 x 3.8
200


Similar Part No. - P6KE540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE540 VISHAY-P6KE540 Datasheet
116Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Luguang Electr...
P6KE540 LUGUANG-P6KE540 Datasheet
4Mb / 5P
   600 Watts Transient Voltage Suppressor Diodes
logo
Micro Commercial Compon...
P6KE540 MCC-P6KE540 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
RFE international
P6KE540 RFE-P6KE540 Datasheet
377Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
2011.10.03
logo
Yangzhou yangjie electr...
P6KE540 YANGJIE-P6KE540 Datasheet
187Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - P6KE540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
5KP33AHE3-54 VISHAY-5KP33AHE3-54 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com