Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-434BD2J-B4-1G-T Datasheet(PDF) 2 Page - Lucky Light Electronic

Part # LL-434BD2J-B4-1G-T
Description  Blue LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-434BD2J-B4-1G-T Datasheet(HTML) 2 Page - Lucky Light Electronic

  LL-434BD2J-B4-1G-T Datasheet HTML 1Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 2Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 3Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 4Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 5Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 6Page - Lucky Light Electronic LL-434BD2J-B4-1G-T Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Luckylight
Spec No: B405X250
Rev No: V.2
Date: Jun/16/2009
Page: 2 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Features:
Descriptions:
Applications:
High luminous intensity output.
Oval shape.
Well defined spatial radiation.
Wide viewing angle (2θ1/2): 110o/40o.
Reliable and robust.
The product itself will remain within RoHS complaint Version.
This precision optical performance oval LED is specially designed for passenger
information signs.
The LED lamps are available with different colors, intensities.
Superior performance in outdoor environment.
Single or dual color graphic signs.
Message boards.
Variable message signs(VMS).
Commercial outdoor advertising.


Similar Part No. - LL-434BD2J-B4-1G-T

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-434BD2J-B4-1G-T LUCKY-LIGHT-LL-434BD2J-B4-1G-T Datasheet
137Kb / 7P
   3.9횞3.0mm Elliptical Wide Angle Blue LED Technical Data Sheet
LL-434BD2J-B4-1G-T LUCKY-LIGHT-LL-434BD2J-B4-1G-T_15 Datasheet
137Kb / 7P
   Blue LED
More results

Similar Description - LL-434BD2J-B4-1G-T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   Blue LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com