Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L016 Datasheet(PDF) 1 Page - Littelfuse

Part # 1206L016
Description  RoHS compliant, lead-free and halogen-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L016 Datasheet(HTML) 1 Page - Littelfuse

  1206L016 Datasheet HTML 1Page - Littelfuse 1206L016 Datasheet HTML 2Page - Littelfuse 1206L016 Datasheet HTML 3Page - Littelfuse 1206L016 Datasheet HTML 4Page - Littelfuse 1206L016 Datasheet HTML 5Page - Littelfuse 1206L016 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/01/14
Surface Mount > 1206L Series
The 1206L Series PTC provides surface mount overcurrent
protection for applications where space is at a premium
and resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
1max
(Ω)
1206L012
A
0.125
0.29
30
100
0.6
1.00
0.20
1.500
6.00
X
X
1206L016
B
0.16
0.37
30
100
0.6
1.00
0.30
1.200
4.50
X
X
1206L020
1
C
0.20
0.42
24
100
0.6
8.00
0.10
0.650
2.60
X
X
1206L025
1
D
0.25
0.50
16
100
0.6
8.00
0.08
0.550
2.30
X
X
1206L035
1
E
0.35
0.75
6
100
0.6
8.00
0.10
0.300
1.20
X
X
1206L035/16
J
0.35
0.75
16
100
0.6
8.00
0.10
0.300
1.20
X
X
1206L050
1
F
0.50
1.00
6
100
0.6
8.00
0.10
0.150
0.70
X
X
1206L050/15
M
0.50
1.00
15
100
0.6
8.00
0.10
0.150
0.75
X
X
1206L075/13.2
G1
0.75
1.50
13.2
100
0.6
8.00
0.20
0.090
0.35
X
X
1206L075/16
GF
0.75
1.50
16
100
0.6
8.00
0.20
0.090
0.290
X
X
1206L075TH
1
G
0.75
1.50
8
100
0.6
8.00
0.20
0.090
0.29
X
X
1206L110TH
1
H
1.10
2.20
8
100
0.8
8.00
0.10
0.040
0.21
X
X
1206L150TH
1
K
1.50
3.00
8
100
0.8
8.00
0.30
0.040
0.12
X
X
1206L175
V
1.75
3.50
6
100
0.8
8.00
0.50
0.020
0.09
X
X
1206L200
L
2.00
3.50
6
100
0.8
8.00
1.50
0.018
0.08
X
X
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50119118
Features
Applications
• RoHS compliant, lead-free
and halogen-free
• Fast response to fault
currents
• Compact design saves
board space
• Low resistance
• Low-profile
• Compatible with high
temperature solders
• USB peripherals
• Disk drives
• CD-ROMs
• Plug and play protection
for motherboards and
peripherals
• Mobile phones - battery
and port protection
• Disk drives
• PDAs / digital cameras
• Game console port
protection
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
1 Some older references to these devices may include “–C“ in the Part Number. The “–C“ should be omitted when placing new orders for the device.
1206L Series
RoHS


Similar Part No. - 1206L016

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L016 LITTELFUSE-1206L016 Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L016 LITTELFUSE-1206L016 Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L016 LITTELFUSE-1206L016 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L016 LITTELFUSE-1206L016 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L016 LITTELFUSE-1206L016 Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L016

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com