Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L035-16 Datasheet(PDF) 4 Page - Littelfuse

Part # 1206L035-16
Description  RoHS compliant, lead-free and halogen-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L035-16 Datasheet(HTML) 4 Page - Littelfuse

  1206L035-16 Datasheet HTML 1Page - Littelfuse 1206L035-16 Datasheet HTML 2Page - Littelfuse 1206L035-16 Datasheet HTML 3Page - Littelfuse 1206L035-16 Datasheet HTML 4Page - Littelfuse 1206L035-16 Datasheet HTML 5Page - Littelfuse 1206L035-16 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/01/14
Surface Mount > 1206L Series
Dimensions
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min
Max Min Max Min
Max Min Max Min Max Min Max
Min
Max
Min
Max
Min
Max
Min
Max
1206L012
0.12 0.13
3
3.4 0.06 0.07 1.5
1.8
0.03 0.06 0.65 1.45
0.01
0.03 0.25 0.75 0.002 0.018 0.05 0.45
1206L016
0.03 0.06 0.65 1.45
1206L020
0.02 0.04 0.5
1
1206L025
0.02 0.04 0.5
1
1206L035
0.02 0.03 0.45 0.75
1206L035/16
0.02 0.03 0.45 0.75
1206L050
0.02 0.03 0.45 0.75
1206L050/15
0.02 0.03 0.45 0.75
1206L075/13.2
0.03 0.05 0.75 1.25
1206L075/16
0.03 0.05 0.75 1.25
1206L075TH
0.02 0.03 0.45 0.75
1206L110TH
0.01 0.02 0.30 0.60
1206L150TH
0.02 0.04 0.50
1
1206L175
0.03 0.08 0.80 1.8
1206L200
0.03 0.07 0.80 1.6
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.80 mm
(.071)
1.80 mm
(.071)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE ELECTRICAL CHARACTERISTICS CHART)
SHOWN IS 1.0 AMP RATING
E
A
B
N
N


Similar Part No. - 1206L035-16

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L035-C LITTELFUSE-1206L035-C Datasheet
359Kb / 5P
   POLYFUSE짰 Resettable PTCs
1206L035-C LITTELFUSE-1206L035-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L035-C LITTELFUSE-1206L035-C Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L035-16

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com