Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L200 Datasheet(PDF) 5 Page - Littelfuse

Part # 1206L200
Description  RoHS compliant, lead-free and halogen-free
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L200 Datasheet(HTML) 5 Page - Littelfuse

  1206L200 Datasheet HTML 1Page - Littelfuse 1206L200 Datasheet HTML 2Page - Littelfuse 1206L200 Datasheet HTML 3Page - Littelfuse 1206L200 Datasheet HTML 4Page - Littelfuse 1206L200 Datasheet HTML 5Page - Littelfuse 1206L200 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
POLY-FUSE® Resettable PTCs
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 04/01/14
Surface Mount > 1206L Series
Part Ordering Number System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
/XX: SPECIAL VOLTAGE RATING
(Not applicable to all parts. Refer
to Electrical Characteristics Table)
QUANTITY CODE: K=10,000 Y=4,000 W=3,000 P=2,000
R: Tape & Reel
SERIES
1206 L 380 /12 TH Y R
THIN PROFILE
(Not applicable to all parts)
-A: Automotive grade
Blank: Standard version
- A
Packaging Options
Part Number
Ordering Number
Halogen Free
I
hold (A)
I
hold Code
Packaging Option
Quantity
Quantity/Pack Code
1206L012
1206L012WR
Yes
0.125
012
Tape and Reel
3000
WR
1206L016
1206L016WR
Yes
0.16
016
Tape and Reel
3000
WR
1206L020
1206L020YR
Yes
0.20
020
Tape and Reel
4000
YR
1206L025
1206L025YR
Yes
0.25
025
Tape and Reel
4000
YR
1206L035
1206L035YR
Yes
0.35
035
Tape and Reel
4000
YR
1206L035/16
1206L035/16YR
Yes
0.35
035
Tape and Reel
4000
YR
1206L050
1206L050YR
Yes
0.50
050
Tape and Reel
4000
YR
1206L050/15
1206L050/15YR
Yes
0.50
050
Tape and Reel
4000
YR
1206L075/13.2 1206L075/13.2WR
Yes
0.75
075
Tape and Reel
3000
WR
1206L075/16
1206L075/16WR
Yes
0.08
75
Tape and Reel
3,000
WR
1206L075TH
1206L075THYR
Yes
0.75
075
Tape and Reel
4000
YR
1206L110TH
1206L110THYR
Yes
1.10
110
Tape and Reel
4000
YR
1206L150TH
1206L150THWR
Yes
1.50
150
Tape and Reel
3000
WR
1206L175
1206L175PR
Yes
1.75
175
Tape and Reel
2000
PR
1206L200
1206L200PR
Yes
2.00
200
Tape and Reel
2000
PR


Similar Part No. - 1206L200

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L200 LITTELFUSE-1206L200 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L200 LITTELFUSE-1206L200 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L200 LITTELFUSE-1206L200 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L200SL LITTELFUSE-1206L200SL Datasheet
187Kb / 7P
   LoRhoTM Surface Mount Series
More results

Similar Description - 1206L200

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
WALSIN TECHNOLOGY CORPO...
MF06P WALSIN-MF06P Datasheet
601Kb / 10P
   RoHS compliant and Halogen free and Lead free products
logo
Littelfuse
V39ZT1P LITTELFUSE-V39ZT1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com