Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL-484BC1C-B4-3B Datasheet(PDF) 3 Page - Lucky Light Electronic

Part # LL-484BC1C-B4-3B
Description  Blue LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

LL-484BC1C-B4-3B Datasheet(HTML) 3 Page - Lucky Light Electronic

  LL-484BC1C-B4-3B Datasheet HTML 1Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 2Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 3Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 4Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 5Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 6Page - Lucky Light Electronic LL-484BC1C-B4-3B Datasheet HTML 7Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Luckylight
Spec No.: A027X355
Rev No.: V.2
Date: Jun/30/2009
Page: 3 OF 7
Approved: JoJo
Checked: Wu
Drawn: Yao
Lucky Light Electronics Co., Ltd.
Http://www.luckylightled.com
Package Dimension:
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25 mm (.010″) unless otherwise noted.
3. Protruded resin is 1.00 mm (.039″) max.
4. Specifications are subject to change without notice.
Part No.
Chip Material
Lens Color
Source Color
LL-484BC1C-B4-3B
InGaN
Water Clear
Blue


Similar Part No. - LL-484BC1C-B4-3B

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B Datasheet
135Kb / 7P
   4.8mm Round Wide Viewing Angle Type Blue LED Technical Data Sheet
LL-484BC1C-B4-3B LUCKY-LIGHT-LL-484BC1C-B4-3B_15 Datasheet
135Kb / 7P
   Blue LED
More results

Similar Description - LL-484BC1C-B4-3B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB310B NICHIA-NSPB310B Datasheet
227Kb / 15P
   BLUE LED
NSPB500AS NICHIA-NSPB500AS Datasheet
230Kb / 15P
   BLUE LED
NSPB513 NICHIA-NSPB513 Datasheet
228Kb / 15P
   BLUE LED
NSPB520S NICHIA-NSPB520S Datasheet
295Kb / 15P
   BLUE LED
logo
Marl International Limi...
NSPB500AS MARL-NSPB500AS Datasheet
489Kb / 14P
   BLUE LED
NSPB300B MARL-NSPB300B Datasheet
474Kb / 14P
   BLUE LED
NSPB510AS MARL-NSPB510AS Datasheet
696Kb / 14P
   BLUE LED
logo
Lucky Light Electronic
LL-544BD2I-B4-3B-T LUCKY-LIGHT-LL-544BD2I-B4-3B-T_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC4B-B4-2GD LUCKY-LIGHT-LL-304BC4B-B4-2GD_15 Datasheet
134Kb / 7P
   Blue LED
LL-304BC2L-B4-3B LUCKY-LIGHT-LL-304BC2L-B4-3B Datasheet
135Kb / 7P
   Blue LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com