Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

364094 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 364094
Description  1,27 DRC Adapterst체ck BTB 20mm 12-polig
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

364094 Datasheet(HTML) 1 Page - ERNI Electronics

  364094 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
4,2
ohne Verriegelung
without interlocking
mit Verriegelung
with interlocking
Index
Date
E01
25.06.2008
Class
A3
prior notice.
contact one of the ERNI companies
DRCBTB
12-polig
1,27 DRC Adapterstück BTB 20mm
364094
3:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Verpackungseinheit 102 Stück
-packaging unit 102
-tray packaging
Verpackt in Tray
X
342 max.
1,27
10,37
9,57
8,57
5 x 1,27 = 6,35
Einzelheit X (M 2:1)
detail X
Adapterstück für board-to-board Abstand von 20mm (beidseitig verbaut mit Federleiste: 154805, Low Profile)
Adapter for board-to-board height 20mm (in combination with two female connectors: 154805, low profile)


Similar Part No. - 364094

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36409 ETC2-36409 Datasheet
226Kb / 1P
   Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
ERNI Electronics
364090 ERNI-364090 Datasheet
41Kb / 1P
   1,27 DRC Adapterst체ck BTB 32mm 26-polig
364091 ERNI-364091 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 34mm 26-polig
364092 ERNI-364092 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 36mm 26-polig
364093 ERNI-364093 Datasheet
42Kb / 1P
   1,27 DRC Adapterstuck BTB 38mm
More results

Similar Description - 364094

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
364096 ERNI-364096 Datasheet
37Kb / 1P
   1,27 DRC Adapterst체ck BTB 24mm 12-polig
364098 ERNI-364098 Datasheet
37Kb / 1P
   1,27 DRC Adapterst체ck BTB 28mm 12-polig
364091 ERNI-364091 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 34mm 26-polig
364090 ERNI-364090 Datasheet
41Kb / 1P
   1,27 DRC Adapterst체ck BTB 32mm 26-polig
364092 ERNI-364092 Datasheet
42Kb / 1P
   1,27 DRC Adapterst체ck BTB 36mm 26-polig
100103210030 ERNI-100103210030 Datasheet
78Kb / 1P
   1,27 DRC Adapterst체ck BTB 38mm
354307 ERNI-354307 Datasheet
48Kb / 1P
   1,27 DRC Adapterstuck BTB 20mm 50-polig
364084 ERNI-364084 Datasheet
41Kb / 1P
   1,27 DRC Adapterstuck BTB 20mm 26-polig
364724 ERNI-364724 Datasheet
58Kb / 1P
   1,27 DRC Adapterst체ck BTB 38mm
100303210030 ERNI-100303210030 Datasheet
88Kb / 1P
   1,27 DRC Adapterst체ck BTB 38mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com