Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WJZSO8 Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # WJZSO8
Description  LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WJZSO8 Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button WJZSO8 Datasheet HTML 2Page - IC-Haus GmbH WJZSO8 Datasheet HTML 3Page - IC-Haus GmbH WJZSO8 Datasheet HTML 4Page - IC-Haus GmbH WJZSO8 Datasheet HTML 5Page - IC-Haus GmbH WJZSO8 Datasheet HTML 6Page - IC-Haus GmbH WJZSO8 Datasheet HTML 7Page - IC-Haus GmbH WJZSO8 Datasheet HTML 8Page - IC-Haus GmbH WJZSO8 Datasheet HTML 9Page - IC-Haus GmbH WJZSO8 Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
iC-WJ, iC-WJZ
LASER DIODE DRIVER
Rev C1, Page 6/12
APPLICATIONS INFORMATION
Laser Power Adjustment
The iC-WJ and iC-WJZ devices can be adapted to CW
laser diodes from approximately 2 to 40 mW. N- and
M-type models can be used.
The pin ISET is used for the adjustment to the sensi-
tivity of the monitor diode and to set the desired optical
laser power. The setpoint for the averaging control of
the monitor diode current is preset at this pin.
MD
LD
+5 V
DRIVER
INPUT
POWER DOWN
THERMAL
WATCHDOG
REFERENCE
REF
VCC
REF
1
2
3
4
470 nF
CI
RSET
74HCxx
100 uF
C1
AMD
7
ISET
4
GND
1
IN
6
CWD
2
CI
3
VCC
5
KLD
8
SHUTDOWN
iC−WJ/WJZ
1:1 iC−WJ
1:3 iC−WJZ
R1
12
C3
2 nF
Figure 1: Operation of a laser diode according to the example
To calculate the current required at ISET, the average
optical laser power is to determine:
Pav = Ppeak
twhi
T
with peak value Ppeak and pulse/period duration
twhi /T .
twhi
T
twlo
Figure 2: Duty cycle
Example iC-WJ
Laser diode with 5 mW maximum optical output, mon-
itor diode with 0.13 mA/mW, pulse duty factor set to
20 % with Ppeak = 5 mW:
The resulting average optical power is 1 mW and the
average monitor diode current is 0.13 mA. The resistor
RSET is calculated as:
RSET =
CR1 ∗ V (ISET )
Iav (AMD)
=
1 ∗ 1.22 V
0.13 mA
= 9.4 k Ω
with the Electrical Characteristics No. 301 for V(ISET)
and No. 108 for current ratio CR1.
Example iC-WJZ
Laser diode with 5 mW maximum optical output, mon-
itor diode with 0.75 mA at 3 mW, CW operation (pulse
duty factor 100 %) with Pcw = 1 mW:


Similar Part No. - WJZSO8

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
WJZ1000 WJCI-WJZ1000 Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ1000-PCB WJCI-WJZ1000-PCB Datasheet
78Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010 WJCI-WJZ1010 Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
WJZ1010-PCB WJCI-WJZ1010-PCB Datasheet
91Kb / 3P
   Broadband Surface Mount Mixer
WJZ1020 WJCI-WJZ1020 Datasheet
85Kb / 3P
   Broadband Surface Mount Mixer
More results

Similar Description - WJZSO8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6330 ETC-HY6330 Datasheet
176Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com