Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKMSO8-TP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # WKMSO8-TP
Description  M-TYPE CW LASER DIODE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKMSO8-TP Datasheet(HTML) 1 Page - IC-Haus GmbH

  WKMSO8-TP Datasheet HTML 1Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 2Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 3Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 4Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 5Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 6Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 7Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 8Page - IC-Haus GmbH WKMSO8-TP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
prel
imin
ary
prel
imin
ary
iC-WKM
M-TYPE CW LASER DIODE DRIVER
Rev C1, Page 1/9
FEATURES
o Optimised for M-type laser diodes
(single supply, case grounded)
o CW operation up to 350 mA from a single supply of 3.6 to 15 V
o Rapid soft start after power-on
o Simple power adjustment via an external resistor
o Integrated reverse polarity protection for the iC and laser diode
o Strong suppression of transients with small external
capacitors; integrated flyback path
o Permanent shutdown with excessive temperature and
overcurrent (i.e. if the laser diode is damaged or the feedback
current path fails)
o Two feedback inputs permit all current laser diode types to be
used (M/P/N configurations)
o Modulation via the feedback inputs possible
o Wide monitor current range from 2.5 µA to 6.25 mA
APPLICATIONS
o Blue laser diodes
o Laser diode modules
o Laser diode pointers
o Laser levels
o Bar-code readers
PACKAGES
SO8tp
thermal pad
DFN10
4 mm x 4 mm
BLOCK DIAGRAM
Pin numbers given for SO8 package only.
Copyright © 2006 iC-Haus
http://www.ichaus.com


Similar Part No. - WKMSO8-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results

Similar Description - WKMSO8-TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM_15 Datasheet
487Kb / 12P
   M-TYPE CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com