Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKMSOP8 Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # WKMSOP8
Description  2.4 V CW LASER DIODE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKMSOP8 Datasheet(HTML) 2 Page - IC-Haus GmbH

  WKMSOP8 Datasheet HTML 1Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 2Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 3Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 4Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 5Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 6Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 7Page - IC-Haus GmbH WKMSOP8 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D1, Page 2/8
DESCRIPTION
The iC-WK/L device is a driver for laser diodes in con-
tinuous wave operation which requires only four ex-
ternal components. The wide power supply range of
2.4 to 6 V and the integrated reverse battery protec-
tion allow for battery operation with a minimum of two
cells. A reversed battery connection destroys neither
the iC nor the laser diode.
The iC includes integrated circuitry protecting against
destruction by ESD, excessive temperature and over-
current and a soft start which regulates the power
and protects the laser diode when the power supply
is switched on. The iC also filters the laser diode
power supply for transients.
The power supply is regulated and adapted to the
laser diode used by an external resistor at MDA. The
monitor current acts as a reference and is regulated
independent of the influence of temperature and sup-
ply voltage (range: 10 µA to 2.5 mA). The capacitor at
CI determines the control time constants and start-up
time.
A second monitor input, pin MDK, allows the driver to
be used for other types of laser diode configuration;
alternatively, it can be used as an analogue modula-
tion input (DC to a few kHz).
In the event of failure, such as overcurrent in the laser
path with a lack of feedback, for example, a quick
power lockout is activated. The shutdown continues
until power is reapplied, permitting a restart. The
strain on power packs and batteries is relieved and
the laser class is retained even in the event of a dis-
turbance.
iC-WK offers additional protection by means of spike
detection at pin MDA. Should spikes or oscillation
occur at pin MDA the power lockout is activated.
PACKAGES SO8, MSOP8 to JEDEC
PIN CONFIGURATION SO8
(top view)
1
2
3
4
8
7
6
5
GND
MDK
AGND
MDA
LDA
CI
VCC
LDK
PIN CONFIGURATION MSOP8
(top view)
1
GND
CI
AGND
MDK
LDK
LDA
VCC
MDA
PIN FUNCTIONS
No. Name Function
1 GND
Ground
2 CI
Capacitance for Power Control
3 AGND Reference Ground for CI, RM
4 MDK
Monitor Input 2
(MD Cathode, Modulation)
5 MDA
APC Setup,
Monitor Input 1 (MD Anode)
6 VCC
+2.4 to +6 V Supply Voltage
7 LDA
Laser Supply (LD Anode)
8 LDK
Driver Output (LD Cathode)
Do not short-circuit pins AGND and GND, for this may
deteriorate the precision of the regulator and interfere
with the soft-start!


Similar Part No. - WKMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results

Similar Description - WKMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com