Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKPSO8-TP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # WKPSO8-TP
Description  15 V CW P-TYPE LASER DIODE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKPSO8-TP Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button WKPSO8-TP Datasheet HTML 2Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 3Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 4Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 5Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 6Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 7Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 8Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 9Page - IC-Haus GmbH WKPSO8-TP Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
iC-WKP
15 V CW P-TYPE LASER DIODE DRIVER
Rev A6, Page 6/10
SAFETY INSTRUCTIONS
Laser light can damage the human eye and the
eyes of animals! Do not look at any laser light di-
rectly or through any optical lens. When handling a
laser diode, do not look directly at the light generated
by it. Wear appropriate safety glasses to prevent light
from entering the eye even by reflection.
FUNCTION DESCRIPTION
Setting the output power
The output power is simply set by RM = Vref(MDK) /
I(MD), where Vref(MDK) = Item No. 101 and I(MD) =
the monitor current of the laser diode at the desired
operating point. RM should be combined from a fixed
resistor (max. output power) and a trimmer (calibra-
tion).
Turn-on behaviour
After switching the supply voltage on, the output stage
remains disabled until the internal enabling flip-flop is
set by a sufficiently high voltage at VCC.
A quick soft start follows; the transition to controlled
CW operation is gradual and primarily determined by
the values of CI and RM. CI is properly dimensioned
when the voltage undershoot at MDK is at a minimum.
0
50us
100us
150us
200us
250us
Time
0
100mA
200mA
V(CI)
I(LD)
0
1V
2V
V(LDA)
0
500mV
1.0V
1.5V
V(MDK)
VCC − 1.5V
VCC − 1V
VCC − 0.5V
VCC
Figure 1: Turn-on behaviour
Turn-off behaviour
iC-WKP works without a fixed undervoltage lockout,
thus the laser diode forward voltage is the prime fac-
tor determining the lowest possible supply voltage.
If the voltage drops below this value, the output stage
is forcibly saturated and the laser current decreases.
iC-WKP simultaneously discharges control capacitor
CI so that no excessive laser diode currents occur
when the supply voltage again rises.
I(LD)
1ms
1,01ms
1,02ms
Time
0
100mA
200mA
V(CI)
0
1V
2V
V(LDA)
0
500mV
1.0V
1.5V
V(MDK)
VCC − 1V
VCC − 0.5V
VCC
Figure 2: Turn-off behaviour
Disruptions in operation
The power control is shut down with excessive driver
temperature or when the laser current reaches the
overcurrent shutdown threshold, for example when the
feedback path is interrupted. If the monitor diode or
bias resistor RM fail, the device is shut down in less
than 600 µs, provided that the supply voltage applied
is high enough.
When modulating the laser current via pin MDA, low
voltage occurring at pin MDK may also cause a shut-
down.


Similar Part No. - WKPSO8-TP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKP VISHAY-WKP Datasheet
85Kb / 4P
   Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 08-Feb-10
WKP101 VISHAY-WKP101 Datasheet
85Kb / 4P
   Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 08-Feb-10
WKP101KCPEF0KR VISHAY-WKP101KCPEF0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
WKP101MCPEF0KR VISHAY-WKP101MCPEF0KR Datasheet
144Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
22-Mar-2021
WKP102 VISHAY-WKP102 Datasheet
85Kb / 4P
   Ceramic AC Capacitors Class X1, 760 VAC/Class Y1, 500 VAC
Revision: 08-Feb-10
More results

Similar Description - WKPSO8-TP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com