Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKSO8 Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # WKSO8
Description  2.4 V CW LASER DIODE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

WKSO8 Datasheet(HTML) 7 Page - IC-Haus GmbH

  WKSO8 Datasheet HTML 1Page - IC-Haus GmbH WKSO8 Datasheet HTML 2Page - IC-Haus GmbH WKSO8 Datasheet HTML 3Page - IC-Haus GmbH WKSO8 Datasheet HTML 4Page - IC-Haus GmbH WKSO8 Datasheet HTML 5Page - IC-Haus GmbH WKSO8 Datasheet HTML 6Page - IC-Haus GmbH WKSO8 Datasheet HTML 7Page - IC-Haus GmbH WKSO8 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
iC-WK, iC-WKL
2.4 V CW LASER DIODE DRIVER
Rev D1, Page 7/8
APPLICATION NOTES
Setting the output power
The output power is simply set by RM = V(MDA) /
I(MD); with V(MDA) = Item-No. 101 and I(MD) = mon-
itor current at the desired operating point. RM should
be combined from fixed resistor (max. output power)
and a trimmer (calibration).
Further application notes on iC-WK/L and the data
sheets of the evaluation modules and the demo board
are available as separate documents.
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained herein,
design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the current data.
Copying – even as an excerpt – is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or
areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade
mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.


Similar Description - WKSO8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com