Electronic Components Datasheet Search |
|
NRE-HL122M6.3V8x20F Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRE-HL122M6.3V8x20F Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 5 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Aluminum Electrolytic Capacitors NRE-HL Series Rated Voltage Range 6.3 ~ 100Vdc Rated Capacitance Range 6.8 ~ 18,000 μF Operating Temperature Range -40°C ~ +105°C Capacitance Tolerance ±20% (M) Max. Leakage Current After 2 Minutes 0.01CV or 3 μA whichever is greater Maximum Tan δ @120Hz/20°C (See Specifications Tables) Low Temperature Stability (Impedance Ratio @ 120Hz) W.V. (Vdc) 6.3 10 16 25 35 50 63 100 Z -25°C/+20°C 43222222 Z -40°C/+20°C 86433333 Load Life @ 105°C Allowable Change Case Size 6.3V ~ 10V 16V ~ 100V Appearance No Notable Changes (except sleeving) 5mm ~ 6.3mm 4,000 hrs 5,000 hrs Capacitance Change Within ±25% of initial measured value 8mm ~ 10mm 6,000 hrs 7,000 hrs Tan δ Less than 200% of specificed value 12.5mm ~ 18mm 8,000 hrs 10,000 hrs Leakage Current Less than the specificed maximum value Shelf Life After storage for 1,000 hours @ 105°C Appearance No Notable Changes (except sleeving) Capacitance Change Within ±25% of initial measured value Tan δ Less than 200% of specificed value Leakage Current Less than the specificed maximum value LEAD SPACING AND DIAMETER (mm) Case Dia. (D φ) 5 6.3 8 10 12.5 16 18 Lead Space (F) 2.0 2.5 3.5 5.0 7.5 Lead Dia. (d φ) 0.5 0.6 0.8 Dim. β 1.5 2.0 LONG LIFE, LOW IMPEDANCE, HIGH TEMPERATURE, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS CHARACTERISTICS FEATURES • LONG LIFE AT 105OC (4000 ~ 10,000 hrs.) • HIGH CAPACITANCE (UP TO 18,000 μF) • LOW IMPEDANCE Capacitance Value 120Hz 1KHz 10KHz 100KHz 6.8 μF ~ 33μF 0.42 0.70 0.90 1.00 39 μF ~ 270μF 0.50 0.73 0.92 1.00 330 μF ~ 680μF 0.55 0.77 0.94 1.00 820 μF ~ 1800μF 0.60 0.80 0.96 1.00 2200 μF ~ 18000μF 0.70 0.85 0.98 1.00 RIPPLE CURRENT FREQUENCY CORRECTION FACTOR PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com *See Part Number System for Details PN b S f D il RoHS Compliant includes all homogeneous materials PART NUMBERING SYSTEM NRE-HL 101 M 25V 8X11 TB F RoHS Compliant TB = Tape & Box* Case Size (D φxL) Working Voltage (Vdc) Tolerance Code (M=20%) Cap. Code: First 2 characters significant Third character is multiplier Series *see tape specification for details DIMENSIONS (mm) d φ ± 0.05 Sleeve F ± 0.5 D φ ± α 4mm Min. 15mm Min. L + β max. Polarity Marking Drawing is representative of parts as supplied in bulk or straight lead format, please see taping specification for details on taped format packaging. - + |
Similar Part No. - NRE-HL122M6.3V8x20F |
|
Similar Description - NRE-HL122M6.3V8x20F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |