Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-WY471M10V10X12.5F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-WY471M10V10X12.5F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-WY471M10V10X12.5F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-WY471M10V10X12.5F Datasheet HTML 1Page - NIC-Components Corp. NRE-WY471M10V10X12.5F Datasheet HTML 2Page - NIC-Components Corp. NRE-WY471M10V10X12.5F Datasheet HTML 3Page - NIC-Components Corp. NRE-WY471M10V10X12.5F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
+130°C WIDE TEMPERATURE RANGE, RADIAL LEADS, POLARIZED
FEATURES
• -40°C** ~ +130°C EXTENDED OPERATING TEMPERATURE RANGE
• LONG LIFE (1,000 ~ 4,000 Hours @ 130C)
• MEETS THE REQUIREMENTS OF AEC-Q200*
*Contact NIC for supporting test data
**200V and up -25°C ~ +130°C
NRE-WY Series
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel:
tpmg@niccomp.com
Rated Voltage Range
10 ~ 400Vdc
Capacitance Range
1.0 ~ 4,700µF
Operating Temperature Range
-40 ~ +130°C (10 to 100Vdc), -25°C ~ +130°C (200 to 400Vdc)
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 minutes
10 ~ 100Vdc: 0.01CV or 3µA whichever is greater
After 1 minute
200Vdc, 400Vdc: 0.1CV+40µA
After 5 minutes
200Vdc, 400Vdc: 0.03CV+15µA
Max. Tan δ @ 120Hz/20°C
W.V. (Vdc)
10
16
25
35
50
63
100
200
400
S.V. (Vdc)
13
20
32
44
63
79
125
250
450
C < 1000µF
0.20
0.16
0.14
0.12
0.10
0.09
0.08
0.15
0.20
C = 1,500µF
-
-
-
-
-
0.09
-
-
-
C = 2,200µF
0.22
0.18
0.16
0.14
0.12
-
-
-
-
C = 3,300µF
0.24
0.20
0.18
0.16
-
-
-
-
-
C = 4,700µF
0.26
0.22
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
2
2
3
6
Z-40°C/Z+20°C
6
4
3
3
3
3
3
-
-
Load Life Test at Rated W.V.
1000 ~ 4000Hrs @ 130°C
(See part number table
for hours)
10V ~ 100V
Cap. Change
Within ±30% of intial measured value
Tan δ
Less than 300% of specified max. value
Leakage Current
Less than specified maximum vlaue
200V ~ 400V
Cap. Change
Within ±20% of intial measured value
Tan δ
Less than 200% of specified max. value
Leakage Current
Less than specified maximum vlaue
Shelf Life Test
+130°C 1000Hrs
Capacitance Change
Within ±30% of intial measured value
Tan δ
Less than 300% of specified max. value
Leakage Current
Not more than 500% of specified max. value
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
PART NUMBERING SYSTEM
NRE-WY 331 M 35V 10X16 TB Y F .
RoHS Compliant
TB = Tape & Box*
Case Size (DφxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see tape specification for details
Optional: For automotive equipment, sourced to special
production and inspection at TS-16949 certified production site


Similar Part No. - NRE-WY471M10V10X12.5F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-WY471M10V10X125F NIC-NRE-WY471M10V10X125F Datasheet
253Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-WY471M10V10X12.5F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com