Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-HL682M6.3V16x25F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-HL682M6.3V16x25F
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-HL682M6.3V16x25F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-HL682M6.3V16x25F Datasheet HTML 1Page - NIC-Components Corp. NRE-HL682M6.3V16x25F Datasheet HTML 2Page - NIC-Components Corp. NRE-HL682M6.3V16x25F Datasheet HTML 3Page - NIC-Components Corp. NRE-HL682M6.3V16x25F Datasheet HTML 4Page - NIC-Components Corp. NRE-HL682M6.3V16x25F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Aluminum Electrolytic Capacitors
NRE-HL Series
Rated Voltage Range
6.3 ~ 100Vdc
Rated Capacitance Range
6.8 ~ 18,000
μF
Operating Temperature Range
-40°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes
0.01CV or 3
μA whichever is greater
Maximum Tan
δ @120Hz/20°C
(See Specifications Tables)
Low Temperature Stability
(Impedance Ratio @ 120Hz)
W.V. (Vdc)
6.3
10
16
25
35
50
63
100
Z -25°C/+20°C
43222222
Z -40°C/+20°C
86433333
Load Life @ 105°C
Allowable Change
Case Size
6.3V ~ 10V 16V ~ 100V
Appearance
No Notable Changes (except sleeving)
5mm ~ 6.3mm
4,000 hrs
5,000 hrs
Capacitance Change
Within ±25% of initial measured value
8mm ~ 10mm
6,000 hrs
7,000 hrs
Tan
δ
Less than 200% of specificed value
12.5mm ~ 18mm
8,000 hrs
10,000 hrs
Leakage Current
Less than the specificed maximum value
Shelf Life
After storage for 1,000 hours @ 105°C
Appearance
No Notable Changes (except sleeving)
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specificed value
Leakage Current
Less than the specificed maximum value
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
5
6.3
8
10 12.5 16
18
Lead Space (F) 2.0
2.5
3.5
5.0
7.5
Lead Dia. (d
φ)
0.5
0.6
0.8
Dim.
β
1.5
2.0
LONG LIFE, LOW IMPEDANCE, HIGH TEMPERATURE, RADIAL LEADS,
POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
CHARACTERISTICS
FEATURES
• LONG LIFE AT 105OC (4000 ~ 10,000 hrs.)
• HIGH CAPACITANCE (UP TO 18,000
μF)
• LOW IMPEDANCE
Capacitance Value 120Hz
1KHz
10KHz 100KHz
6.8
μF ~ 33μF
0.42
0.70
0.90
1.00
39
μF ~ 270μF
0.50
0.73
0.92
1.00
330
μF ~ 680μF
0.55
0.77
0.94
1.00
820
μF ~ 1800μF
0.60
0.80
0.96
1.00
2200
μF ~ 18000μF
0.70
0.85
0.98
1.00
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials
PART NUMBERING SYSTEM
NRE-HL 101 M 25V 8X11 TB F
RoHS Compliant
TB = Tape & Box*
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Cap. Code: First 2 characters significant
Third character is multiplier
Series
*see tape specification for details
DIMENSIONS (mm)
d
φ ± 0.05
Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Drawing is representative of parts as supplied in bulk or
straight lead format, please see taping specification for details
on taped format packaging.
-
+


Similar Part No. - NRE-HL682M6.3V16x25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-HL682M63V125x40F NIC-NRE-HL682M63V125x40F Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
NRE-HL682M63V16x25F NIC-NRE-HL682M63V16x25F Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
NRE-HL682M63V18x20F NIC-NRE-HL682M63V18x20F Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-HL682M6.3V16x25F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com