Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLUW561M200V25X30SF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLUW561M200V25X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLUW561M200V25X30SF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLUW561M200V25X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLUW561M200V25X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLUW561M200V25X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLUW561M200V25X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLUW561M200V25X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLUW561M200V25X30SF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLUW Series
Part Number
Voltage
(VDC)
Cap
(µF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (µA)
Max. Ripple Current
(Arms @ 105°C)
120Hz
10KHz ~ up
NRLUW681M315V30X45SF
315
680
30X45
0.2
1388
2.06
2.88
NRLUW681M315V35X35SF
680
35X35
0.2
1388
1.88
2.63
NRLUW821M315V30X50SF
820
30X50
0.2
1524
2.30
3.22
NRLUW821M315V35X40SF
820
35X40
0.2
1524
2.14
2.99
NRLUW102M315V35X50SF
1000
35X50
0.2
1683
2.53
3.54
NRLUW121M350V22X25SF
350
120
22X25
0.2
614
0.74
1.03
NRLUW151M350V22X30SF
150
22X30
0.2
687
0.89
1.24
NRLUW181M350V22X35SF
180
22X35
0.2
752
1.03
1.44
NRLUW181M350V25X25SF
180
25X25
0.2
752
0.91
1.27
NRLUW221M350V22X40SF
220
22X40
0.2
832
1.17
1.63
NRLUW221M350V25X30SF
220
25X30
0.2
832
1.07
1.49
NRLUW271M350V22X45SF
270
22X45
0.2
922
1.33
1.86
NRLUW271M350V25X35SF
270
25X35
0.2
922
1.25
1.75
NRLUW271M350V30X25SF
270
30X25
0.2
922
1.11
1.55
NRLUW331M350V25X40SF
330
25X40
0.2
1019
1.43
2.00
NRLUW331M350V30X30SF
330
30X30
0.2
1019
1.31
1.83
NRLUW331M350V35X25SF
330
35X25
0.2
1019
1.23
1.72
NRLUW391M350V25X45SF
390
25X45
0.2
1108
1.61
2.25
NRLUW391M350V30X35SF
390
30X35
0.2
1108
1.51
2.11
NRLUW391M350V35X30SF
390
35X30
0.2
1108
1.44
2.01
NRLUW471M350V25X50SF
470
25X50
0.2
1216
1.85
2.59
NRLUW471M350V30X40SF
470
30X40
0.2
1216
1.88
2.63
NRLUW471M350V35X35SF
470
35X35
0.2
1216
1.67
2.33
NRLUW561M350V30X45SF
560
30X45
0.2
1328
1.92
2.68
NRLUW561M350V35X40SF
560
35X40
0.2
1328
1.88
2.63
NRLUW681M350V30X50SF
680
30X50
0.2
1463
2.15
3.01
NRLUW681M350V35X40SF
680
35X40
0.2
1463
2.01
2.81
NRLUW821M350V35X45SF
820
35X45
0.2
1607
2.26
3.16
NRLUW121M400V22X25SF
400
120
22X25
0.2
657
0.79
1.10
NRLUW151M400V22X30SF
150
22X30
0.2
734
0.92
1.28
NRLUW151M400V25X25SF
150
25X25
0.2
734
0.95
1.33
NRLUW181M400V22X35SF
180
22X35
0.2
804
1.05
1.47
NRLUW181M400V25X30SF
180
25X30
0.2
804
1.10
1.54
NRLUW221M400V22X40SF
220
22X40
0.2
889
1.28
1.79
NRLUW221M400V25X30SF
220
25X30
0.2
889
1.12
1.56
NRLUW221M400V30X25SF
220
30X25
0.2
889
1.17
1.63
NRLUW271M400V22X45SF
270
22X45
0.2
985
1.40
1.96
NRLUW271M400V25X35SF
270
25X35
0.2
985
1.40
1.96
NRLUW271M400V30X30SF
270
30X30
0.2
985
1.36
1.90
NRLUW331M400V25X40SF
330
25X40
0.2
1089
1.55
2.17
NRLUW331M400V30X30SF
330
30X30
0.2
1089
1.55
2.17
NRLUW331M400V35X25SF
330
35X25
0.2
1089
1.35
1.89
NRLUW391M400V25X50SF
390
25X50
0.2
1184
1.72
2.40
NRLUW391M400V30X35SF
390
30X35
0.2
1184
1.72
2.40
NRLUW391M400V35X30SF
390
35X30
0.2
1184
1.53
2.14


Similar Part No. - NRLUW561M200V25X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLUW561M200V25X30SF NIC-NRLUW561M200V25X30SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
NRLUW561M200V25X30SF NIC-NRLUW561M200V25X30SF Datasheet
95Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLUW561M200V25X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com