Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-LX222M16V16x16F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-LX222M16V16x16F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-LX222M16V16x16F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-LX222M16V16x16F Datasheet HTML 1Page - NIC-Components Corp. NRE-LX222M16V16x16F Datasheet HTML 2Page - NIC-Components Corp. NRE-LX222M16V16x16F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRE-LX Series
Rated Voltage Range
6.3 ~ 250Vdc
350 ~ 450Vdc
Capacitance Range
4.7 ~ 10,000
μF
1.5 ~ 68
μF
Operating Temperature Range
-40 ~ +85°C
-25 ~ +85°C
Capacitance Tolerance
±20%(M)
Max. Leakage Current @ 20°C
6.3 ~ 50Vdc
CV<1,000
μF
CV>1,000
μF
0.01CV or 3
μA
whichever is greater
after 2 minutes
0.1CV + 40
μA (1 min.)
0.04CV + 100
μA (1 min.)
.03CV + 15
μA (5 min.)
0.02CV + 25
μA (5 min.)
Max. Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
S.V. (Vdc)
8.0
13
20
32
44
63
200
250
300
400
450
500
C<1,000
μF
0.26
0.22
0.18
0.16
0.14
0.12
0.20
0.20
0.20
0.20
0.20
0.20
C=2,000
μF
0.28
0.24
0.20
0.18
0.16
014
------
C=3,300
μF
0.30
0.26
0.22
0.20
0.18
-
------
C=4,700
μF
0.32
0.28
0.24
0.22
-
-
------
C=6,800
μF
0.36
0.32
0.28
-
-
-
------
C=10,000
μF
0.44
0.40
-
-
-
-
------
Low Temperature Stability
Inpedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
Z-25°C/Z+20°C
6
4
4
3
22333557
Z-40°C/Z+20°C
12
10
8
6
4
3
------
Load Life Test
at Rated W.V.
+85°C 2,000 Hours
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
HIGH CV, RADIAL LEADS, POLARIZED
FEATURES
• EXTENDED VALUE AND HIGH VOLTAGE
• NEW REDUCED SIZES
CHARACTERISTICS
Cap.
(
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
160
200
250
350
400
450
1.5
1R5
-----------
8x9
2.2
2R2
----------
8x9
10x9
3.3
3R3
---------
8x9
10x9
10x9
4.7
4R7
------
8x9
8x9
8x9
10x9
10x9
-
6.8
6R8
------
8x9
8x9
10x9
12.5x16 12.5x16 12.5x16
10
100
------
10x9
10x9
10x9
12.5x16 12.5x16
16x16
22
220
--------
12.5x16
16x16
18x16
16x20
33
330
------
12.5x16 12.5x16
16x16
18x16
16x20
18x20
47
470
------
12.5x16
16x16
18x16
16x20
18x20
18x25
68
680
------
16x16
18x16
16x20
18x25
18x25
-
100
101
-----
8x9
16x20
16x20
18x20
-
-
-
150
151
-
-
-
-
8x9
10x9
18x20
18x25
18x25
-
-
-
220
221
-
-
-
8x9
10x9
-
18x25
-----
330
331
-
-
8x9
10x9
10x9
-
-
-----
470
471
8x9
8x9
8x9
10x9
-
12.5x16
-
-----
680
681
8x9
10x9
10x9
12.5x16 12.5x16
16x16
-
-----
1,000
102
10x9
10x9
-
12.5x16
16x16
16x20
-
-----
2,200
222
12.5x16 12.5x16
16x16
16x20
18x20
18x25
-
-----
3,300
332
12.5x16
16x16
16x20
18x20
18x25
-
-
-----
4,700
472
18x16
16x20
18x20
18x25
-
-
-
-----
6,800
682
16x20
18x20
18x25
---------
10,000
103
18x20
18x25
----------
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NRE-LX222M16V16x16F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-LX222M16V16x16F NIC-NRE-LX222M16V16x16F Datasheet
95Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-LX222M16V16x16F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com