Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-AX471M10V6.3x15F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRE-AX471M10V6.3x15F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-AX471M10V6.3x15F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRE-AX471M10V6.3x15F Datasheet HTML 1Page - NIC-Components Corp. NRE-AX471M10V6.3x15F Datasheet HTML 2Page - NIC-Components Corp. NRE-AX471M10V6.3x15F Datasheet HTML 3Page - NIC-Components Corp. NRE-AX471M10V6.3x15F Datasheet HTML 4Page - NIC-Components Corp. NRE-AX471M10V6.3x15F Datasheet HTML 5Page - NIC-Components Corp. NRE-AX471M10V6.3x15F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Taping Dimensions (mm)
NOTE: ANODE (+) LEAD FEEDS OFF FIRST.
FOR OPTION OF NEGATIVE (_) LEAD FIRST,
SPECIFY “TBN”.
Case Dia.
(D
φ)
10x9
10x12.5
10x16
d
φ ±0.05
0.6
0.6
0.6
H ±0.75
19.0
19.0
19.0
F +0.8 ~ -0.2
5.0
P ±1.0
12.7*
P
0
12.7 ±0.2
P
1
3.85
P
2
6.35 ±1.0
W
18.0 ±0.5
W
0
11.5 min
W
1
9.0 ±0.5
W
2
0 ~ 2.5
H
0
16.0 ±0.5
I
1.0 max.
D
0
φ
4.0 ±0.2
Δh
0 ±1.0 (at top of can)
t
0.7 ±0.2 (not including lead)
*Optional Taping Specifications
P0 = 15.0mm & P2 = 7.5mm (P/N Suffix: TB15MMP)
STANDARD RADIAL TAPING (5mm LEAD SPACING, STRAIGHT LEADS) TB
1max
t
Δh
P
2
P
∅D
P
1
w
2
w
0
w
1.0
P
0
F
S ∅D
0
∅d
W
1
H
NRE-AX Series
Miniature Aluminum Electrolytic Capacitors


Similar Part No. - NRE-AX471M10V6.3x15F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-FL NIC-NRE-FL Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL100M100V10X12.5F NIC-NRE-FL100M100V10X12.5F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL100M100V12.5X20F NIC-NRE-FL100M100V12.5X20F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL100M100V16X25F NIC-NRE-FL100M100V16X25F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
NRE-FL100M100V16X31.5F NIC-NRE-FL100M100V16X31.5F Datasheet
48Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-AX471M10V6.3x15F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com