Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPEHZ Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSPEHZ
Description  Hybrid Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPEHZ Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSPEHZ Datasheet HTML 1Page - NIC-Components Corp. NSPEHZ Datasheet HTML 2Page - NIC-Components Corp. NSPEHZ Datasheet HTML 3Page - NIC-Components Corp. NSPEHZ Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NSPE-HZ Series
Hybrid Aluminum Electrolytic Capacitors
T
A
P
Feeding
+
-
1.5
∅ +0.1/-
1.75
±
1.5
φ+0.1/-0
1.75 + 0.15
t
4 + 0.1
Case Size
A
±0.5
B
±0.5
C
±0.3
D
±0.1
P
±0.1
T
±0.2
t
max.
6.3X6.3
7.0
7.0
16.0
7.5
12.0
6.5
0.6
6.3X8
7.0
7.0
16.0
7.5
12.0
8.2
0.6
8X10.8
8.7
8.7
24.0
11.5
16.0
11.1
0.6
10X10.8
10.7
10.7
24.0
11.5
16.0
11.2
0.6
10X12.8
10.7
10.7
24.0
11.5
16.0
13.3
0.6
Case Size
W
±1.0
Qty per Reel
13" (330mm)
15" (380mm)
6.3X6.3
18
800
1000
6.3X8
18
500
900
8X10.8
26
300
500
10X10.8
26
300
500
10X12.8
26
300
400
REEL DIMENSIONS (mm)
TAPING SPECIFICATIONS (mm)
1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets.
2. Leader tape: Approximately 20cm of cover tape at leader.
3. Connection: Maximum 3 connections (slices) per reel.
2mm ± 0.5mm
φ13mm ± 0.5mm
φ21mm ± 0.8mm
φ330mm ± 2.0mm
or
φ380mm ± 2.0mm
W
3mm
CARRIER DIMENSIONS (mm)


Similar Part No. - NSPEHZ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE NIC-NSPE Datasheet
35Kb / 2P
   Hybrid Surface Mount Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X6.1NLBYF NIC-NSPE-A100M50V5X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M50V5X61NLBYF NIC-NSPE-A100M50V5X61NLBYF Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A100M63V6.3X6.1NLBYF NIC-NSPE-A100M63V6.3X6.1NLBYF Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
More results

Similar Description - NSPEHZ

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRT NIC-NSPRT Datasheet
111Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A_14 Datasheet
91Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPE-Z NIC-NSPE-Z Datasheet
90Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
NSPRH NIC-NSPRH Datasheet
81Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
NSPRY NIC-NSPRY Datasheet
109Kb / 2P
   Hybrid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com