Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRE-H330M450V16X30F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRE-H330M450V16X30F
Description  Miniature Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-H330M450V16X30F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRE-H330M450V16X30F Datasheet HTML 1Page - NIC-Components Corp. NRE-H330M450V16X30F Datasheet HTML 2Page - NIC-Components Corp. NRE-H330M450V16X30F Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(μF)
W.V.
(Vdc))
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+85°C/120Hz
Max. ESR (Ω)
+20°C/120Hz
Load Life Hours
@ +85°C
NRE-H220M400V12.5X25F
22
400
0.25
180
18.8
2,000
NRE-H330M400V16X25F
33
0.25
230
12.6
2,000
NRE-H470M400V16X30F
47
0.25
270
8.82
2,000
NRE-H680M400V16X35.5F
68
0.25
345
6.10
2,000
NRE-H820M400V18X35.5F
82
0.25
420
5.06
2,000
NRE-H101M400V18X41F
100
0.25
450
4.15
2,000
NRE-H1R0M450V8X12.5F
1.0
450
0.25
26
415
2,000
NRE-H2R2M450V10X16F
2.2
0.25
40
188
2,000
NRE-H3R3M450V10X20F
3.3
0.25
52
126
2,000
NRE-H4R7M450V12.5X20F
4.7
0.25
67
86.2
2,000
NRE-H100M450V12.5X25F
10
0.25
100
41.5
2,000
NRE-H220M450V16X25F
22
0.25
190
18.8
2,000
NRE-H330M450V16X30F
33
0.25
220
12.6
2,000
NRE-H470M450V18X35.5F
47
0.25
245
8.82
2,000
NRE-H680M450V18X41F
68
0.25
270
6.10
2,000
RIPPLE CURRENT FREQUENCY
CORRECTION FACTOR
Frequency (Hz)
120
1K
10k
100K
Correction
Factor
<33μF
1.0
1.3
1.45
1.45
>33μF
1.0
1.2
1.30
1.30
Miniature Aluminum Electrolytic Capacitors
NRE-H Series
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D φ x L (mm)
NRE-H 100 M 350V 10X16 TB F .
RoHS Compliant
TB = Tape & Box*
Case Size (Dφ x L)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
*see taping specifications for details
PART NUMBER SYSTEM


Similar Part No. - NRE-H330M450V16X30F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-H330M450V16X30F NIC-NRE-H330M450V16X30F Datasheet
217Kb / 3P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-H330M450V16X30F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com