Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRWPC101M160V16X25F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRWPC101M160V16X25F
Description  Miniature Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRWPC101M160V16X25F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRWPC101M160V16X25F Datasheet HTML 1Page - NIC-Components Corp. NRWPC101M160V16X25F Datasheet HTML 2Page - NIC-Components Corp. NRWPC101M160V16X25F Datasheet HTML 3Page - NIC-Components Corp. NRWPC101M160V16X25F Datasheet HTML 4Page - NIC-Components Corp. NRWPC101M160V16X25F Datasheet HTML 5Page - NIC-Components Corp. NRWPC101M160V16X25F Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NRWPC Series
STANDARD VALUES, SPECIFICATIONS AND CASE SIZES (mm)
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/120Hz
Max. ESR (
Ω)
+20°C/120Hz
Load Life Hours
@+105°C
NRWPC181M250V18×36F
180
250
0.15
470
1.38
2,000
NRWPC221M250V18×36F
220
0.15
485
1.13
2,000
NRWPC331M250V18×45F
330
0.15
610
0.75
2,000
NRWPCR47M350V5×11F
0.47
350
0.2
11
705.83
2,000
NRWPC1R0M350V6.3×11F
1.0
0.2
15
331.74
2,000
NRWPC2R2M350V8×12F
2.2
0.2
23
150.79
2,000
NRWPC3R3M350V8×12F
3.3
0.2
30
100.53
2,000
NRWPC4R7M350V10×12F
4.7
0.2
40
70.58
2,000
NRWPC6R8M350V10×16F
6.8
0.2
42
48.79
2,000
NRWPC100M350V10×20F
10
0.2
70
33.17
2,000
NRWPC150M350V12.5×20F
15
0.2
140
22.12
2,000
NRWPC220M350V12.5×25F
22
0.2
145
15.08
2,000
NRWPC330M350V16×25F
33
0.2
165
10.05
2,000
NRWPC470M350V16×25F
47
0.2
200
7.06
2,000
NRWPC560M350V16×32F
56
0.2
230
5.92
2,000
NRWPC680M350V16×36F
68
0.2
240
4.88
2,000
NRWPC820M350V18×32F
82
0.2
280
4.05
2,000
NRWPC101M350V18×32F
100
0.2
320
3.32
2,000
NRWPC121M350V18×36F
120
0.2
365
2.76
2,000
NRWPC151M350V18×40F
150
0.2
400
2.21
2,000
NRWPC181M350V18×45F
180
0.2
460
1.84
2,000
NRWPCR47M400V6.3×11F
0.47
400
0.2
15
705.83
2,000
NRWPC1R0M400V6.3×11F
1.0
0.2
14
331.74
2,000
NRWPC2R2M400V8×12F
2.2
0.2
25
150.79
2,000
NRWPC3R3M400V8×12F
3.3
0.2
30
100.53
2,000
NRWPC4R7M400V10×16F
4.7
0.2
42
70.58
2,000
NRWPC6R8M400V10×16F
6.8
0.2
45
48.79
2,000
NRWPC100M400V10×20F
10
0.2
70
33.17
2,000
NRWPC150M400V12.5×20F
15
0.2
90
22.12
2,000
NRWPC220M400V12.5×25F
22
0.2
140
15.08
2,000
NRWPC330M400V16×25F
33
0.2
165
10.05
2,000
NRWPC470M400V16×25F
47
0.2
200
7.06
2,000
NRWPC560M400V16×32F
56
0.2
210
5.92
2,000
NRWPC680M400V16×36F
68
0.2
240
4.88
2,000
NRWPC820M400V18×32F
82
0.2
270
4.05
2,000
NRWPC101M400V18×32F
100
0.2
310
3.32
2,000
NRWPC121M400V18×36F
120
0.2
340
2.76
2,000
NRWPC151M400V18×40F
150
0.2
375
2.21
2,000
NRWPC181M400V18×45F
180
0.2
410
1.84
2,000
NRWPCR47M450V6.3×11F
0.47
450
0.2
16
705.83
2,000
NRWPC1R0M450V8×12F
1.0
0.2
21
331.74
2,000
NRWPC2R2M450V8×12F
2.2
0.2
22
150.79
2,000
NRWPC3R3M450V10×12F
3.3
0.2
30
100.53
2,000
NRWPC4R7M450V10×16F
4.7
0.2
36
70.58
2,000
NRWPC6R8M450V10×20F
6.8
0.2
40
48.79
2,000
NRWPC100M450V12.5×20F
10
0.2
75
33.17
2,000
NRWPC150M450V12.5×25F
15
0.2
80
22.12
2,000
NRWPC220M450V16×25F
22
0.2
105
15.08
2,000
NRWPC330M450V16×32F
33
0.2
130
10.05
2,000
NRWPC470M450V18×32F
47
0.2
160
7.06
2,000
NRWPC560M450V18×32F
56
0.2
170
5.92
2,000
NRWPC680M450V18×36F
68
0.2
190
4.88
2,000
NRWPC820M450V18×40F
82
0.2
200
4.05
2,000
NRWPC101M450V18×40F
100
0.2
215
3.32
2,000
NRWPC121M450V18×45F
120
0.2
230
2.76
2,000
Voltage
Cap. (
μF)
60Hz
120Hz
1KHz
10KHz
100KHz
160 ~ 250V
0.47 ~ 68
0.75
1.00
1.57
2.00
2.00
100 ~ 560
0.80
1.00
1.34
1.40
1.50
350 ~ 450V
0.47 ~ 180
0.80
1.00
1.40
1.40
1.40
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR


Similar Part No. - NRWPC101M160V16X25F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRWPC101M160V16X25F NIC-NRWPC101M160V16X25F Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRWPC101M160V16X25F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com