Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVA0805VY-5R5C400TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NVA0805VY-5R5C400TRF
Description  Surface Mount Varistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVA0805VY-5R5C400TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NVA0805VY-5R5C400TRF Datasheet HTML 1Page - NIC-Components Corp. NVA0805VY-5R5C400TRF Datasheet HTML 2Page - NIC-Components Corp. NVA0805VY-5R5C400TRF Datasheet HTML 3Page - NIC-Components Corp. NVA0805VY-5R5C400TRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change without notice.
Part Number
Max. Working
Voltage <20mA
DC
Resistance
(
Ω)
Varistor
Voltage
@1mA
DC
(Volts)
Max. Clamping
Voltage
Rated Single
Pulse Transient
Cut Off
Frequency
/
fO
Typical Cap.
@0.5Vrms,
1MHz
(pF)
VDC
VAC
RMS
8/20
μs
(Volts
*1)
ESD
(Volts
*2)
Peak Current
8/20
μs
(Amps
*3)
NVA0825RC_5R5C500TRF
5.5
4
100
Ω ±30%
10 ~ 14
18
23
10
50
50
NVA0825RA_140C100TRF
14
10
30
Ω ±30%
16 ~ 22
30
39
2
100
10
NVA0825RB_140C100TRF
14
10
50
Ω ±30%
16 ~ 22
30
39
2
100
10
NVA0825RC_140C100TRF
14
10
100
Ω ±30%
16 ~ 22
30
39
2
100
10
NVA0825RD_140C100TRF
14
10
10
Ω ±30%
16 ~ 22
30
39
2
100
10
NVA0825RA_180C150TRF
18
12.7
30
Ω ±30%
22 ~ 28
40
48
2
100
15
NVA0825RB_180C150TRF
18
12.7
50
Ω ±30%
22 ~ 28
40
48
2
100
15
NVA0825RC_180C150TRF
18
12.7
100
Ω ±30%
22 ~ 28
40
48
2
100
15
NVA0825RD_180C150TRF
18
12.7
10
Ω ±30%
22 ~ 28
40
48
2
100
15
Surface Mount Varistor Array
NVA Series
NVA0825R_, 10 TERMINATION, R-C CIRCUIT
P5
G9
G10
R
P1
Rv
Rv
P1
P2
Rv
Rv
G9 or G10
"_" = Add Capacitance Tolerance: N = ±30%, Y = +100%/-50%
NVA0825R_ 10 TERMINATION R-C CIRCUIT
P1
P2
P3
P4
P5
P6
P7
P8
G9
G10
Type
A
B
C
D
E
F
G
H
I
NVA0805
0.28
0.625
0.5
1.37
/////
NVA0825
0.575
0.20
0.50
0.40
1.90
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
C
A
D
B
NVA0805 8 TERMINATIONS
I
C
A
E
F
G
D
H
B
NVA0825 10 TERMINATIONS


Similar Part No. - NVA0805VY-5R5C400TRF

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000A LANNER-NVA-3000A Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
NVA-3000B LANNER-NVA-3000B Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
logo
ON Semiconductor
NVA4001N ONSEMI-NVA4001N Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
NVA4001NT1G ONSEMI-NVA4001NT1G Datasheet
137Kb / 5P
   Small Signal MOSFET
October, 2011 ??Rev. 2
More results

Similar Description - NVA0805VY-5R5C400TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NVX NIC-NVX Datasheet
221Kb / 9P
   Surface Mount Varistor
logo
StarHope
VESD3R3DG SPSEMI-VESD3R3DG Datasheet
604Kb / 3P
   Surface Mount Varistor
VESD3R3EG SPSEMI-VESD3R3EG Datasheet
615Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVT NIC-NVT Datasheet
370Kb / 3P
   Surface Mount Varistor
logo
StarHope
VESD180HJ SPSEMI-VESD180HJ Datasheet
602Kb / 3P
   Surface Mount Varistor
logo
NIC-Components Corp.
NVH NIC-NVH Datasheet
627Kb / 5P
   Surface Mount Varistor
logo
StarHope
VESD140FG SPSEMI-VESD140FG Datasheet
603Kb / 3P
   Surface Mount Varistor
VESD180HG SPSEMI-VESD180HG Datasheet
601Kb / 3P
   Surface Mount Varistor
VESD180KG SPSEMI-VESD180KG Datasheet
608Kb / 3P
   Surface Mount Varistor
logo
Socay Electornics Co., ...
SC0402ML080M SOCAY-SC0402ML080M Datasheet
469Kb / 5P
   Surface Mount Multilayer Varistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com