Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTRC10C1002CTRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NTRC10C1002CTRF
Description  Anti-Corrosive Thin Film Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTRC10C1002CTRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NTRC10C1002CTRF Datasheet HTML 1Page - NIC-Components Corp. NTRC10C1002CTRF Datasheet HTML 2Page - NIC-Components Corp. NTRC10C1002CTRF Datasheet HTML 3Page - NIC-Components Corp. NTRC10C1002CTRF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
28
Anti-Corrosive Thin Film Chip Resistors
NTRC Series
FEATURES
SPECIAL PASSIVATED NiCr FILM FOR SUPERIOR ANTI-CORROSION PROPERTIES
• EIA STANDARD SIZING 0402, 0603, 0805, 1206, 2010 AND 2512
• SUIT FOR HIGH RELIABILITY APPLICATIONS IN HARSH ENVIRONMENTS
• PRECISION TOLERANCE AND TEMPERATURE CHARACTERISTICS
• SAC REFLOW SOLDERABLE (THREE TIMES AT 260°C FOR 32 SECONDS)
SPECIFICATIONS
Type
EIA
Size
Power Rating
at 70°C
Max. *1
Working
Voltage
Max. *2
Overload
Voltage
Resistance
Tolerance
Code
Temperature
Coefficient
(ppm/°C)
Resistance
Range (
Ω)
Resistance
Values
Operating
Temperature
Range
NTRC04
0402
0.063W
25V
50V
±0.10% (B)
±0.25% (C)
±0.50% (D)
±25ppm (C)
±50ppm (D)
25
Ω ~ 25KΩ
E-24 & E-96
-55°C ~ +155°C
NTRC06
0603
0.063W
50V
100V
±0.10% (B)
±0.25% (C)
±0.50% (D)
±25ppm (C)
±50ppm (D)
25
Ω ~ 332KΩ
NTRC10
0805
0.10W
100V
200V
±0.10% (B)
±0.25% (C)
±0.50% (D)
±25ppm (C)
±50ppm (D)
10
Ω ~ 787KΩ
NTRC12
1206
0.125W
150V
300V
±0.10% (B)
±0.25% (C)
±0.50% (D)
±25ppm (C)
±50ppm (D)
10
Ω ~ 1MΩ
NTRC50
2010
0.25W
±0.10% (B)
±0.25% (C)
±0.50% (D)
±25ppm (C)
±50ppm (D)
10
Ω ~ 1MΩ
NTRC100 2512
0.50W
Note *1
- Maximum allowable continuous Working Voltage
for all resistors is the lower of the two values:
“Maximum Working Voltage” as specified above
or the result of the following formula
Power rating (Watts) x Resistance (Ohms)
Note *2 - "Maximum Overload Voltage" for all resistors is the
lower of the two values:
"Maximum Overload Voltage" as specified above
or 2x the result of the following formula
Power rating (Watts) x Resistance (Ohms)
Power Derating Curve: For operation above
70oC, power ratingmust be derated according
to the following chart:
30
100
20
60
100
155°C
70
120
140
80
80
60
40
20
0
40
PART NUMBER SYSTEM (E24 & E-96 VALUES)
NTRC 12 B 1002 C TR F
RoHS compliant
Tape & Reel Packaging
Temperature Coefficient: C=±25ppm, D=±50ppm
Resistance Code: First 3 figures are significant,
4th digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: B=±0.1%, C=±0.25%, D±0.5%
Size & Power Rating Code
Series
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NTRC10C1002CTRF

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
NTRC GREYSTONE-NTRC Datasheet
229Kb / 2P
   ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
NTRC GREYSTONE-NTRC Datasheet
229Kb / 2P
   ROOM NETWORK TEMPERATURE AND HUMIDITY SENSOR
More results

Similar Description - NTRC10C1002CTRF

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SFXXT WALSIN-SFXXT Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
SFXXQ WALSIN-SFXXQ Datasheet
1Mb / 10P
   Anti-Sulfuration Thin Film Chip Resistors
logo
NIC-Components Corp.
NTR NIC-NTR Datasheet
114Kb / 5P
   Thin Film Chip Resistors
logo
Token Electronics Indus...
PR02DTRC31002 TOKEN-PR02DTRC31002 Datasheet
423Kb / 5P
   PR Anti-Corrosive Chip Resistor
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com