Electronic Components Datasheet Search |
|
NSPVM221M16V10X8JLBF Datasheet(PDF) 3 Page - NIC-Components Corp. |
|
NSPVM221M16V10X8JLBF Datasheet(HTML) 3 Page - NIC-Components Corp. |
3 / 3 page 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Solid Polymer Aluminum Electrolytic Capacitors NSPVM Series + - A A B C RECOMMENDED LAND PATTERN DIMENSIONS (mm) Case Size A B C 5X6 3.0 1.6 1.4 6.3X6 3.6 1.6 1.9 8X7 4.0 1.6 2.1 10X8 4.0 2.5 4.0 Diameter Preheat (120 sec. max.) Time above 200°C Time above 230°C Peak Temperature Number of Reflow Passes1 5 ~ 6.3mm 160°C ~ 190°C 70 sec. max. 50 sec. max. 240°C/5 sec. 2x 60 sec. max. 40 sec. max. 250°C/5 sec. 2x 8 ~ 10mm 160°C ~ 190°C 70 sec. max. 50 sec. max. 230°C/5 sec. 2x 60 sec. max. 40 sec. max. 240°C/5 sec. 2x SOLDERING TEMPERATURES AND DURATIONS 1. Two reflow passes are permissible with a cool down to room temperature required between the first and second pass (more than 1 hour). 2. Some case swelling may occur (~ 0.3mm) which is not an indication that the capacitor performance has been compromised. RECOMMENDED REFLOW SOLDERING PROFILE Time Above 200°C (see table above) 50 100 150 200 Time (Seconds) Preheat - 120 seconds max. (see table for temperature) Peak Temperature (see table above) 250 230 Time Above 230°C (see table above) T A P Feeding + - 1.5 ∅ +0.1/- 1.75 ± 1.5 φ+0.1/-0 1.75 + 0.15 t 4 + 0.1 Case Size A ±0.5 B ±0.5 C ±0.3 D ±0.1 P ±0.1 T ±0.2 t max. 5X6 5.7 5.7 12.0 5.5 12.0 6.2 0.4 6.3X6 7.0 7.0 16.0 7.5 12.0 6.2 0.4 8X7 8.7 8.7 24.0 11.5 12.0 7.2 0.4 10X8 10.7 10.7 24.0 11.5 16.0 8.2 0.4 Case Size W ±1.0 Qty per Reel 15" (380mm) 5X6 14.0 1,000 6.3X6 18.0 1,000 8X7 26.0 1,000 10X8 26.0 500 REEL DIMENSIONS (mm) TAPING SPECIFICATIONS (mm) 1. Both Leader and Trailer tape: Minimum 40mm (1.57") empty carrier tape pockets. 2. Leader tape: Approximately 20cm of cover tape at leader. 3. Connection: Maximum 3 connections (slices) per reel. 2mm ± 0.5mm φ13mm ± 0.5mm φ21mm ± 0.8mm φ380mm ± 2.0mm W CARRIER DIMENSIONS (mm) |
Similar Part No. - NSPVM221M16V10X8JLBF |
|
Similar Description - NSPVM221M16V10X8JLBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |