Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR50T1003CTR1KF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NTR50T1003CTR1KF
Description  Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTR50T1003CTR1KF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NTR50T1003CTR1KF Datasheet HTML 1Page - NIC-Components Corp. NTR50T1003CTR1KF Datasheet HTML 2Page - NIC-Components Corp. NTR50T1003CTR1KF Datasheet HTML 3Page - NIC-Components Corp. NTR50T1003CTR1KF Datasheet HTML 4Page - NIC-Components Corp. NTR50T1003CTR1KF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thin Film Chip Resistors
NTR Series
STANDARD E-24, E-96 AND E-192 VALUES AND 0603 RESISTANCE CODES
MULTIPLIER CODE
1. No marking on 0402 case size.
2. Marking for 0603 case size:
E-24 values and E-96 values: ± 1% (F), ± 0.5% (D), ± 0.25% (C). ± 0.1% (B) tolerances
E-192 values: ± 0.1% (B) tolerance (No Marking)
Resistance Code
XX
CODING FORMULA
Multiplier Code
X
MARKING EXAMPLES
10
Ω = 01X
7.5k
Ω = 85B
150k
Ω = 18D
1 Meg
Ω = 01E
Example: 10.2k
Ω = 102 x 102 Ω = 02C
33.2
Ω = 332 x 10-1 = 51X
02
C
51
X
3. Marking for 0805, 1206, 2010 and 2512 case sizes:
E-24 and E-96 values - ±1%(F), ±0.5% (D), ±0.25%(C), ±0.1% (B) tolerances
E-192 values: ±0.1% (B) tolerance (No Marking)
4 DIGIT MARKING SYSTEM - First 3 digits are the significant figures, the 4th digit is the mulitplier. "R"= decimal point.
Examples: 0R10 = 0.10 ohms, 1R00 = 1.0 ohms, 22R1=22.1 ohms, 3320= 332 ohms, 4751=4.75K ohms,
1132=11.3K ohms, 6493=649K ohms
Code
A
B, b
C
D, d
E
F
G
H
X
Y
Z
Multiplier 100 101 102 103 104 105 106 107 10-1 10-2 10-3
E-24
E-96
Value
Value Code
Value Code
Value Code
Value Code
100
100
01
102
02
105
03
107
04
110
110
05
113
06
115
07
118
08
120
121
09
124
10
127
11
130
12
130
133
13
137
14
140
15
143
16
150
147
17
150
18
154
19
158
20
160
162
21
165
22
169
23
174
24
180
178
25
182
26
187
27
191
28
200
196
29
200
30
205
31
210
32
220
215
33
221
34
226
35
232
36
240
237
37
243
38
249
39
255
40
270
261
41
267
42
274
43
280
44
300
287
45
294
46
301
47
309
48
330
316
49
324
50
332
51
340
52
360
348
53
357
54
365
55
374
56
390
383
57
392
58
402
59
412
60
430
422
61
432
62
442
63
453
64
470
464
65
475
66
487
67
499
68
510
511
69
523
70
536
71
549
72
560
562
73
576
74
590
75
604
76
620
619
77
634
78
649
79
665
80
680
681
81
698
82
715
83
732
84
750
750
85
768
86
787
87
806
88
820
825
89
845
90
866
91
887
92
910
909
93
931
94
953
95
976
96
PART NUMBER SYSTEM
NTR 10 B 1003 C TR 1K F
RoHS compliant
Optional 1,000 piece reel quantity
Tape & Reel Packaging
Temperature Coefficient Code:
S = ±5ppm, B = ±10ppm, N = ±15ppm, C = ±25ppm, D = ±50ppm
Resistance Code: First 3 digits are significant figures (both E-24
and E-96 values), 4th digit is the multiplier, “R”
indicates a decimal point.
Tolerance Code: T = 0.01%, A = 0.05%, B = ± 0.1%, C = ± 0.25%, D = ± 0.5%, F = ± 1%
Power Rating Code
Series
* Special E192 resistance values are supported on all case sizes of NTR series. Please review
your E192 value requirements with NIC, as special terms apply, and E192 values are supplied
without component resistance value marking.
E-192*
Value Value Value Value Value Value
100
147
215
316
464
681
101
149
218
320
470
690
102
150
221
324
475
698
104
152
223
328
481
706
105
154
226
332
487
715
106
156
229
336
493
723
107
158
232
340
499
732
109
160
234
344
505
741
110
162
237
348
511
750
111
164
240
352
517
759
113
165
243
357
523
768
114
167
246
361
530
777
115
169
249
365
536
787
117
172
252
370
542
796
118
174
255
374
549
806
120
176
258
379
556
816
121
178
261
383
562
825
123
180
264
388
569
835
124
182
267
392
576
845
126
184
271
397
583
856
127
187
274
402
590
866
129
189
270
407
597
876
130
191
280
412
604
887
132
193
284
417
612
898
133
196
287
422
619
909
135
198
291
427
626
920
137
200
294
432
634
931
138
203
298
437
642
942
140
205
301
442
649
953
142
208
305
448
657
965
143
210
309
453
665
976
145
213
312
459
673
988


Similar Part No. - NTR50T1003CTR1KF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
NTR5103N ONSEMI-NTR5103N Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTR5103NT1G ONSEMI-NTR5103NT1G Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
NTR5103NT1G ONSEMI-NTR5103NT1G Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
NTR5103N ONSEMI-NTR5103N_16 Datasheet
133Kb / 5P
   Small Signal MOSFET
October, 2016 ??Rev. 1
More results

Similar Description - NTR50T1003CTR1KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com