Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NST06-223-405TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NST06-223-405TRF
Description  Surface Mount NTC Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NST06-223-405TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NST06-223-405TRF Datasheet HTML 1Page - NIC-Components Corp. NST06-223-405TRF Datasheet HTML 2Page - NIC-Components Corp. NST06-223-405TRF Datasheet HTML 3Page - NIC-Components Corp. NST06-223-405TRF Datasheet HTML 4Page - NIC-Components Corp. NST06-223-405TRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
66
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
FEATURES
• NEGATIVE TEMPERATURE COEFFICIENT
• FAST RESPONSE TO TEMPERATURE VARIATIONS MAKE THEM
IDEALLY FOR TEMPERATURE SENSORS AND COMPENSATORS
• STANDARD EIA 0402, 0603 AND 0805 SIZES
• TAPE AND REEL FOR AUTOMATIC MOUNTING
CHARACTERISTICS AND PERFORMANCE
DIMENSIONS (mm)
Series
NST04
NST06
NST10
EIA Size
0402
0603
0805
Resistance Range (+25°C)
22
Ω ~ 680KΩ
100
Ω ~ 680KΩ
100
Ω ~ 680KΩ
Power Rating (+25°C)
100mW
100mW
200mW
Resistance Tolerance (+25°C)
F = 1%,
H = ±3%, J = ±5%, K = ±10%
Operating Temperature Range
-55°C ~ 125°C
Dissipation Factor
1mW/°C
1mW/°C
2mW/°C
Thermal Time Constant
<3 Sec.
<5 Sec.
<5 Sec.
Beta Temperature Range
D = +25°C ~ +50°C, A = +25°C ~ +85°C, E = +25°C ~ +105°C
Beta Value Range
3380 ~ 4400
3380 ~ 4500
3380 ~ 4500
Beta Value Tolerance
F = 1%, H = ±3%
Resistance to Soldering Heat
+260°C for 5 seconds
Resistance Change
ΔR ±1% for F tolerance parts
ΔR ±
3% for H tolerance parts
ΔR ±5% for J & K tolerance parts
Beta Change
ΔBeta ±1% for F Beta tolerance parts
ΔBeta ±3% for H Beta tolerance parts
Damp Heat
1000hrs @ +60°C, 90~95%RH
Thermal Shock
-55°C (30 min.), within 20 seconds to +125°C (30 min.), 100 cycles
Life Test
1,000hrs @ +85°C with maximum operating current applied
High Temperature Storage
1000hrs @ +125°C, 90~95%RH
Series
EIA Size
L
W
T max.
P
NST04
0402
1.0 ± 0.15
0.5 ± 0.15
0.5 ± 0.15
0.25 ± 0.1
NST06
0603
1.6 ± 0.15
0.8 ± 0.15
0.8 ± 0.15
0.3 ± 0.2
NST10
0805
2.0 ± 0.2
1.25 ± 0.2
0.85 ± 0.2
0.5 ± 0.3
Surface Mount NTC Thermistors
NST Series
NST06 D J 103 H 3435 TR F
RoHS compliant
Packaging TR: Tape and Reel
Beta Value
Beta Value Tolerance: F=±1%, H=±3%
Resistance Value Code (E-24 Standard Values)
Resistance Value Tolerance: F=±1%,
H=±3%, J=±5%, K=±10%
Temperature Characteristic: D = +25°C ~ +50°C, A = +25°C ~ +85°C, E = +25°C ~ +105°C
Series
PART NUMBER SYSTEM
*See Part Number System for Details
RS
RoHS
Compliant
includes all homogeneous materials
W
L
P
T
P
Termination Material
Ag Base
Ni Barrier
100% Sn Finish
TOP VIEW
SIDE VIEW
Link: RT Tables


Similar Part No. - NST06-223-405TRF

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NST04 MICRONETICS-NST04 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NST04-A MICRONETICS-NST04-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
NST04-B MICRONETICS-NST04-B Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
NST04L MICRONETICS-NST04L Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
NST04L-A MICRONETICS-NST04L-A Datasheet
164Kb / 2P
   Broadband Microwave Coaxial Noise Sources 10 MHz to 4000 MHz
More results

Similar Description - NST06-223-405TRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232261545472 VISHAY-232261545472 Datasheet
137Kb / 10P
   Surface Mount, NTC Thermistors
Revision: 16-Jan-04
logo
NIC-Components Corp.
NCT NIC-NCT Datasheet
39Kb / 2P
   Surface Mount NTC Thermistors
logo
Vishay Siliconix
23226152 VISHAY-23226152 Datasheet
83Kb / 5P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226153 VISHAY-23226153 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
23226151 VISHAY-23226151 Datasheet
114Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
232261554222 VISHAY-232261554222 Datasheet
115Kb / 11P
   Surface Mount, NTC Thermistors
Revision: 10-Oct-03
NTHS VISHAY-NTHS Datasheet
98Kb / 3P
   NTC Thermistors, Surface Mount Chip
Revision 06-Oct-06
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com