Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVR07K270S-F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NVR07K270S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR07K270S-F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NVR07K270S-F Datasheet HTML 1Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 2Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 3Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 4Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 5Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 6Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 7Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 8Page - NIC-Components Corp. NVR07K270S-F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NVR07 SPECIFICATIONS
Leaded Metal Oxide Varistors
NVR Series
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
V (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR07K180S_ _F
18 (16~20)
11
14
2.5
36
250
0.02
0.9
2400
1.3
Other
Applications
(See page 8,
table 2)
NVR07K220S_ _F
22 (20~24)
14
18
2.5
43
250
0.02
1.1
2000
1.4
NVR07K270S_ _F
27 (24~30)
17
22
2.5
53
250
0.02
1.4
1600
1.5
NVR07K330S_ _F
33 (30~36)
20
26
2.5
65
250
0.02
1.7
1300
1.7
NVR07K390S_ _F
39 (35~43)
25
31
2.5
77
250
0.02
2.1
1200
1.8
NVR07K470S_ _F
47 (42~52)
30
38
2.5
93
250
0.02
2.5
1100
1.9
NVR07K560S_ _F
56 (50~62)
35
45
2.5
110
250
0.02
3.1
1000
2.0
NVR07K680S_ _F
68 (61~75)
40
56
2.5
135
250
0.02
3.6
850
2.1
NVR07K820S_ _F
82 (74~90)
50
65
10
135
1200
0.25
5.5
460
1.5
NVR07K101S_ _F
100 (90~110)
60
85
10
165
1200
0.25
6.5
420
1.6
NVR07K121S_ _F
120 (108~132)
75
100
10
200
1200
0.25
7.8
380
1.8
NVR07K151S_ _F
150 (135~165)
95
125
10
250
1200
0.25
9.7
350
1.6
NVR07K181S_ _F
180 (162~198)
115
150
10
300
1200
0.25
11.7
155
1.4
NVR07K201S_ _F
200 (180~220)
130
170
10
340
1200
0.25
13
140
1.5
NVR07K221S_ _F
220 (198~242)
140
180
10
360
1200
0.25
14
130
1.5
NVR07K241S_ _F
240 (216~264)
150
200
10
395
1200
0.25
15
120
1.6
NVR07K271S_ _F
270 (243~297)
175
225
10
455
1200
0.25
18
110
1.7
NVR07K301S_ _F
300 (270~330)
195
250
10
500
1200
0.25
21
105
1.9
NVR07K331S_ _F
330 (297~363)
215
275
10
550
1200
0.25
23
100
2.0
NVR07K361S_ _F
360 (324~396)
230
300
10
595
1200
0.25
25
95
2.1
NVR07K391S_ _F
390 (351~429)
250
320
10
650
1200
0.25
25
85
2.3
NVR07K431S_ _F
430 (387~473)
275
350
10
710
1200
0.25
28
80
2.3
NVR07K471S_ _F
470 (423~517)
300
385
10
775
1200
0.25
30
70
2.4
NVR07K511S_ _F
510 (459~561)
320
410
10
845
1200
0.25
33
65
2.6
NVR07K561S_ _F
560 (504~616)
350
450
10
930
1200
0.25
33
60
2.8
NVR07K621S_ _F
620 (558~682)
395
510
10
1020
1200
0.25
35
55
3.0
NVR07K681S_ _F
680 (612~748)
420
560
10
1120
1200
0.25
35
50
3.2
NVR07K751S_ _F
750 (675~825)
465
615
10
1235
1200
0.25
38
45
3.5
NVR07K821S_ _F
820 (738~902)
510
670
10
1355
1200
0.25
42
40
3.2


Similar Part No. - NVR07K270S-F

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
NVR-02 LVL1-NVR-02 Datasheet
915Kb / 3P
   Network Video Recorder
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
   Network Video Recorder
More results

Similar Description - NVR07K270S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com