Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR7003 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # TR7003
Description  303.825 MHz Hybrid Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR7003 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TR7003 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR7003 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 2 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR7003-11062007
Electrical Characteristics (typical values given for 3.0 Vdc power supply, 25 °C)
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Transmitter Performance
Peak RF Output Power, 235 µA TXMOD Current
POL
210
dBm
Peak Current, 235 µA TXMOD Current
ITPL
232
mA
2nd - 4th Harmonic Outputs
2
-40
dBm
5th - 10th Harmonic Outputs
2
-45
dBm
Non-harmonic Spurious Outputs
2
-40
dBm
OOK Turn On/Turn Off Times
tON/tOFF
3
12/6
µs
ASK Output Rise/Fall Times
tTR/tTF
3
1.1/1.1
µs
Logic 0 Input Voltage
0
0.15 Vcc
V
Logic 1 Input Voltage
0.85 Vcc
Vcc
V
Logic 0 Output Voltage, 1 mA Sink
0
0.1 Vcc
V
Logic 1 Output Voltage, 1 mA Source
0.9 Vcc
Vcc
V
Sleep Mode Current
IS
200
nA
Power Supply Voltage Range
VCC
2.2
3.7
Vdc
Power Supply Voltage Ripple
10
mVP-P
Ambient Operating Temperature
TA
-40
85
°C
Notes:
1.
Typical sensitivity data is based on a 10-3 bit error rate (BER), using DC-balanced data. There are two test methods commonly used to mea-
sure OOK/ASK receiver sensitivity, the “100% AM” test method and the “Pulse” test method. Sensitivity data is given for both test methods.
The application/test circuit and component values are shown on the next page.
2.
Data is given with the ASH radio matched to a 50 ohm load. Matching component values are given on the next page.


Similar Part No. - TR7003

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
TR7001 MURATA-TR7001 Datasheet
367Kb / 15P
   315.00 MHz Hybrid Transceiver
TR7002 MURATA-TR7002 Datasheet
202Kb / 15P
   418.00 MHz Hybrid Transceiver
More results

Similar Description - TR7003

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TR3003 MURATA-TR3003 Datasheet
415Kb / 12P
   303.825 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3003 RFM-TR3003 Datasheet
86Kb / 12P
   303.825 MHz Hybrid Transceiver
TX5003 RFM-TX5003 Datasheet
72Kb / 6P
   303.825 MHz Hybrid Transmitter
DR3103 RFM-DR3103 Datasheet
206Kb / 5P
   303.825 MHz Transceiver Module
RX5003 RFM-RX5003 Datasheet
103Kb / 11P
   303.825 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7003 MURATA-DR7003 Datasheet
412Kb / 7P
   303.825 MHz Transceiver Module
DR7003-EV MURATA-DR7003-EV Datasheet
205Kb / 8P
   303.825 MHz Transceiver Evaluation Module
logo
RF Monolithics, Inc
DR4103 RFM-DR4103 Datasheet
111Kb / 2P
   303.825 MHz Transmitter Module
logo
Murata Manufacturing Co...
RF3210D MURATA-RF3210D Datasheet
574Kb / 2P
   303.825 MHz SAW Filter
DR7003-DK MURATA-DR7003-DK Datasheet
43Kb / 1P
   303.825 MHz Development Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com