Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR10T1003BTR1KF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NTR10T1003BTR1KF
Description  Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTR10T1003BTR1KF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NTR10T1003BTR1KF Datasheet HTML 1Page - NIC-Components Corp. NTR10T1003BTR1KF Datasheet HTML 2Page - NIC-Components Corp. NTR10T1003BTR1KF Datasheet HTML 3Page - NIC-Components Corp. NTR10T1003BTR1KF Datasheet HTML 4Page - NIC-Components Corp. NTR10T1003BTR1KF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thin Film Chip Resistors
NTR Series
FEATURES
PRECISE TOLERANCE AND TEMPERATURE COEFFICIENT
EIA STANDARD CASE SIZES (0201 ~ 2512)
LOW NOISE, THIN FILM (NiCr) CONSTRUCTION
REFLOW SOLDERABLE (Pb FREE TERMINATION FINISH)
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Power rating (Watts) x Resistance (Ohms)
Note *1
- Maximum allowable continuous Working Voltage
for all resistors is the lower of the two values:
“Maximum Working Voltage” as specified above
or
2 x Power rating (Watts) x Resistance (Ohms)
Note *2
- Maximum Overload Voltage for all
resistors is the lower of the two values:
"Maximum Overload Voltage” as specified above
or
Type EIA
Size
PowerRating
at 70°C
Max.*1
Working
Voltage
Max.*2
Overload
Voltage
Resistance
Tolerance
(Code)
Temperature
Coefficient
(ppm/°C)
Resistance
Range
(
Ω)
Resistance
Values
NTR02 0201 1/32 (0.032)W
15V
30V
±0.5% (D)
± 25(C), ±50(D) 49.9 ~ 4.99K
Ω
E-24, E-96
&
E-192
±1.0% (F)
± 50 (D)
49.9 ~ 33K
Ω
NTR04 0402 1/16 (0.063)W
25V
50V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
49.9 ~ 4.99K
Ω
±10 (B)
49.9 ~ 12K
Ω
±0.01% (T), ±0.05% (A)
±15 (N)
49.9 ~ 12K
Ω
±0.1% (B)
±15 (N)
49.9 ~ 69.8K
Ω
±0.1% (B), ±0.25% (C), ±0.5% (D), ±1% (F)
±25 (C)
10 ~ 205K
Ω
±0.1% (B), ±0.25% (C)
±50 (D)
10 ~ 205K
Ω
±0.5% (D), ±1% (F)
±50 (D)
1.0 ~ 205K
Ω
NTR06 0603 1/16 (0.063)W
50V
100V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
24.9 ~ 15K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 100K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 332K
Ω
±0.05% (A)
±25(C), ±50(D) 4.7 ~ 332K
Ω
±0.1% (B)
±25(C), ±50(D)
4.7 ~ 1M
Ω
±0.25 (C), ±0.5 (D), ±1% (F)
±25(C), ±50(D)
2.0 ~ 1M
Ω
NTR10 0805 1/10 (0.10) W
100V
200V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
24.9 ~ 30K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 200K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 511K
Ω
±0.05 (A)
±25(C), ±50(D) 4.7 ~ 511K
Ω
±0.1% (B)
±25(C), ±50(D)
4.7 ~ 2M
Ω
±0.25 (C), ±0.5 (D), ±1% (F)
±25(C), ±50(D)
1.0 ~ 2M
Ω
NTR12 1206 1/8 (0.125) W
150V
300V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
24.9 ~49.9K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 499K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 1M
Ω
±0.05% (A)
±25(C), ±50(D)
4.7 ~ 1M
Ω
±0.1% (B)
±25(C), ±50(D) 4.7 ~ 2.49M
Ω
±0.25% (C), ±0.5% (D), ±1% (F)
±25(C), ±50(D) 1.0 ~ 2.49M
Ω
NTR20 1210
1/5 (0.20) W
150V
300V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
24.9 ~49.9K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 499K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 1M
Ω
±0.05% (A)
±25, ±50
4.7 ~ 1M
Ω
±0.1% (B)
±25(C), ±50(D) 4.7 ~ 2.49M
Ω
±0.25% (C), ±0.5% (D), ±1% (F)
±25(C), ±50(D) 1.0 ~ 2.49M
Ω
NTR25 2010
1/4 (0.25) W
150V
300V
±0.01% (T), ±0.05% (A), ±0.1% (B)
±5 (S)
24.9 ~ 100K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 499K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 1M
Ω
±0.05% (A)
±25(C), ±50(D)
4.7 ~ 1M
Ω
±0.1% (B)
±25(C), ±50(D)
4.7 ~ 3M
Ω
±0.25% (C), ±0.5% (D), ±1% (F)
±25(C), ±50(D)
1.0 ~ 3M
Ω
NTR50 2512
1/2 (0.50) W
150V
300V
±0.01% (T), ±0.05% (A),
±5 (S)
24.9 ~ 100K
Ω
±0.01% (T)
±10(B), ±15(N) 24.9 ~ 499K
Ω
±0.05% (A), ±0.1% (B)
±10(B), ±15(N)
4.7 ~ 1M
Ω
±0.05% (A)
±25(C), ±50(D)
4.7 ~ 1M
Ω
±0.05 (A)
±25(C), ±50(D)
4.7 ~ 1M
Ω
±0.1% (B)
±25(C), ±50(D)
4.7 ~ 3M
Ω
±0.25% (C), ±0.5% (D), ±1% (F)
±25(C), ±50(D)
1.0 ~ 3M
Ω


Similar Part No. - NTR10T1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02 ONSEMI-NTR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NTR1P02L ONSEMI-NTR1P02L Datasheet
95Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 14
NTR1P02LT1 ONSEMI-NTR1P02LT1 Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
NTR1P02LT1 ONSEMI-NTR1P02LT1 Datasheet
124Kb / 5P
   Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
NTR1P02LT1G ONSEMI-NTR1P02LT1G Datasheet
46Kb / 6P
   Power MOSFET
July, 2004 ??Rev. 5
More results

Similar Description - NTR10T1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com