Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR7001 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # TR7001
Description  315.00 MHz Hybrid Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR7001 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button TR7001 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TR7001 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 8 of 15
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
TR7001-11062007
Receiver Turn-On Timing
The maximum time tPR required for the receive function to become opera-
tional at turn-on is influenced by two factors. All receiver circuitry will be op-
erational 1 ms after the supply voltage reaches 2.2 Vdc. The BBOUT-
CMPIN coupling-capacitor is then DC stabilized in 4 time constants
(4*tBBC). The total turn-on time to stable receiver operation for a 10 ms
power supply rise time is:
tPR = 15 ms + 4*tBBC
Receiver Wake-Up Timing
The maximum transition time tSR from the sleep mode to the receive mode
is 4*tBBC, where tBBC is the BBOUT-CMPIN coupling-capacitor time con-
stant. When the operating temperature is limited to 60°C, the time
required to switch from sleep to receive is dramatically less for short sleep
times, as less charge leaks away from the BBOUT-CMPIN coupling
capacitor.
AGC Timing
The maximum AGC engage time tAGC is 5 µs after the reception
of a -30 dBm RF signal with a 1 µs envelope rise time.
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the capacitor
at the PKDET pin. The attack time tPKA =CPKD/4167, where tPKA is in µs
and CPKD is in pF. The Peak Detector decay time constant
tPKD = 1000*tPKA.
Data Rate (b/s)
CFG1 Bits 3-0
1200
0000
2400
0001
4800
0010
9600
0011
19200
0100
38400
0101
57600
0110
115200
0111
230400
1000


Similar Part No. - TR7001

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
TR7002 MURATA-TR7002 Datasheet
202Kb / 15P
   418.00 MHz Hybrid Transceiver
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
   303.825 MHz Hybrid Transceiver
More results

Similar Description - TR7001

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR3001 RFM-TR3001 Datasheet
111Kb / 12P
    315.00 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR3001 MURATA-TR3001 Datasheet
415Kb / 12P
   315.00 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TX5001 RFM-TX5001 Datasheet
73Kb / 6P
   315.00 MHz Hybrid Transmitter
DR3101 RFM-DR3101 Datasheet
375Kb / 5P
   315.00 MHz Transceiver Module
RX5001 RFM-RX5001 Datasheet
77Kb / 10P
   315.00 MHz Hybrid Receiver
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7001-EV MURATA-DR7001-EV Datasheet
206Kb / 8P
   315.00 MHz Transceiver Evaluation Module
TR8001 MURATA-TR8001 Datasheet
449Kb / 15P
   868.35 MHz Hybrid Transceiver
TR8000 MURATA-TR8000 Datasheet
367Kb / 15P
   916.5 MHz Hybrid Transceiver
TR7003 MURATA-TR7003 Datasheet
367Kb / 15P
   303.825 MHz Hybrid Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com