Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR3100 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # TR3100
Description  433.92 MHz Hybrid Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TR3100 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button TR3100 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TR3100 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 6 of 12
©2008 by RF Monolithics, Inc.
TR3100 - 4/4/08
When the transceiver is placed in the power-down (sleep) or in a
transmit mode, the output impedance of BBOUT becomes very
high. This feature helps preserve the charge on the coupling
capacitor to minimize data slicer stabilization time when the
transceiver switches back to the receive mode.
Data Slicers
The CMPIN pin drives two data slicers, which convert the analog
signal from BBOUT back into a digital stream. The best data slicer
choice depends on the system operating parameters. Data slicer
DS1 is a capacitively-coupled comparator with provisions for an
adjustable threshold. DS1 provides the best performance at low
signal-to-noise conditions. The threshold, or squelch, offsets the
comparator’s slicing level from 0 to 90 mV, and is set with a resistor
between the RREF and THLD1 pins. This threshold allows a trade-
off between receiver sensitivity and output noise density in the no-
signal condition. For best sensitivity, the threshold is set to 0. In
this case, noise is output continuously when no signal is present.
This, in turn, requires the circuit being driven by the RXDATA pin
to be able to process noise (and signals) continuously.
This can be a problem if RXDATA is driving a circuit that must
“sleep” when data is not present to conserve power, or when it its
necessary to minimize false interrupts to a multitasking processor.
In this case, noise can be greatly reduced by increasing the
threshold level, but at the expense of sensitivity. The best 3 dB
bandwidth for the low-pass filter is also affected by the threshold
level setting of DS1. The bandwidth must be increased as the
threshold is increased to minimize data pulse-width variations with
signal amplitude.
Data slicer DS2 can overcome this compromise once the signal
level is high enough to enable its operation. DS2 is a “dB-below-
peak” slicer. The peak detector charges rapidly to the peak value
of each data pulse, and decays slowly in between data pulses
(1:1000 ratio). The slicer trip point can be set from 0 to 120 mV
below this peak value with a resistor between RREF and THLD2.
A threshold of 60 mV is the most common setting, which equates
to “6 dB below peak” when RFA1 and RFA2 are running a 50%-
50% duty cycle. Slicing at the “6 dB-below-peak” point reduces the
signal amplitude to data pulse-width variation, allowing a lower 3
dB filter bandwidth to be used for improved sensitivity.
DS2 is best for ASK modulation where the transmitted waveform
has been shaped to minimize signal bandwidth (TR3100).
However, DS2 is subject to being temporarily “blinded” by strong
noise pulses, which can cause burst data errors. Note that DS1 is
active when DS2 is used, as RXDATA is the logical AND of the
DS1 and DS2 outputs. DS2 can be disabled by leaving THLD2
disconnected. A non-zero DS1 threshold is required for proper
AGC operation.
AGC Control
The output of the Peak Detector also provides an AGC Reset
signal to the AGC Control function through the AGC comparator.
The purpose of the AGC function is to extend the dynamic range
of the receiver, so that the receiver can operate close to its
transmitter when running ASK and/or high data rate modulation.
The onset of saturation in the output stage of RFA1 is detected and
generates the AGC Set signal to the AGC Control function. The
AGC Control function then selects the 5 dB gain mode for RFA1.
The AGC Comparator will send a reset signal when the Peak
Detector output (multiplied by 0.8) falls below the threshold voltage
for DS1.
A capacitor at the AGCCAP pin avoids AGC “chattering” during the
time it takes for the signal to propagate through the low-pass filter
and charge the peak detector. The AGC capacitor also allows the
hold-in time to be set longer than the peak detector decay time to
avoid AGC chattering during runs of “0” bits in the received data
stream. Note that AGC operation requires the peak detector to be
functioning, even if DS2 is not being used. AGC operation can be
defeated by connecting the AGCCAP pin to Vcc. The AGC can be
latched on once engaged by connecting a 150 kilohm resistor
between the AGCCAP pin and ground in lieu of a capacitor.
Receiver Pulse Generator and RF Amplifier Bias
The receiver amplifier-sequence operation is controlled by the
Pulse Generator & RF Amplifier Bias module, which in turn is
controlled by the PRATE and PWIDTH input pins, and the Power
Down (sleep) Control Signal from the Bias Control function.
In the low data rate mode, the interval between the falling edge of
one RFA1 ON pulse to the rising edge of the next RFA1 ON pulse
tPRI is set by a resistor between the PRATE pin and ground. The
interval can be adjusted between 0.1 and 5 µs. In the high data rate
mode (selected at the PWIDTH pin) the receiver RF amplifiers
operate at a nominal 50%-50% duty cycle. In this case, the start-
to-start period tPRC for ON pulses to RFA1 are controlled by the
PRATE resistor over a range of 0.1 to 1.1 µs.
In the low data rate mode, the PWIDTH pin sets the width of the
ON pulse tPW1 to RFA1 with a resistor to ground (the ON pulse
width tPW2 to RFA2 is set at 1.1 times the pulse width to RFA1 in
the low data rate mode). The ON pulse width tPW1 can be adjusted
between 0.55 and 1 µs. However, when the PWIDTH pin is
connected to Vcc through a 1 M resistor, the RF amplifiers operate
at a nominal 50%-50% duty cycle, facilitating high data rate
operation (TR3100). In this case, the RF amplifiers are controlled
by the PRATE resistor as described above.
Both receiver RF amplifiers are turned off by the Power Down
Control Signal, which is invoked in the sleep and transmit modes.
Transmitter Chain
The transmitter chain consists of a SAW delay line oscillator
followed by a modulated buffer amplifier. The SAW filter
suppresses transmitter harmonics to the antenna. Note that the
same SAW devices used in the amplifier-sequenced receiver are
reused in the transmit modes.
Transmitter operation supports two modulation formats, on-off
keyed (OOK) modulation, and amplitude-shift keyed (ASK)
modulation which is normally used by the TR3100. When OOK
modulation is chosen, the transmitter output turns completely off
between “1” data pulses. When ASK modulation is chosen, a “1”
pulse is represented by a higher transmitted power level, and a “0”
is represented by a lower transmitted power level. OOK
modulation provides compatibility with first-generation ASH
technology, and provides for power conservation. ASK modulation
must be used for high data rates (data pulses less than 30 µs).
ASK modulation also reduces the effects of some types of
interference and allows the transmitted pulses to be shaped to
control modulation bandwidth.
The modulation format is chosen by the state of the CNTRL0 and
the CNTRL1 mode control pins, as discussed below. When either
modulation format is chosen, the receiver RF amplifiers are turned
off. In the OOK mode, the delay line oscillator amplifier TXA1 and
buffer amplifier TXA2 are turned off when the voltage to the
TXMOD input falls below 220 mV. In the OOK mode, the data rate
is limited by the turn-on and turn-off times of the delay line
oscillator, which are 12 and 6 µs respectively. In the ASK mode
TXA1 is biased ON continuously, and the output of TXA2 is
modulated by the TXMOD input current. Minimum output power
occurs in the ASK mode when the modulation driver sinks about
10 µA of current from the TXMOD pin.


Similar Part No. - TR3100

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
logo
TANDA UK Limited.
TR3100-NB TANDAUK-TR3100-NB Datasheet
3Mb / 1P
   NB-IoT Gas Detector
More results

Similar Description - TR3100

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TR7000 RFM-TR7000 Datasheet
145Kb / 14P
   433.92 MHz Hybrid Transceiver
logo
Murata Manufacturing Co...
TR7000 MURATA-TR7000 Datasheet
357Kb / 15P
   433.92 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
TR3000 RFM-TR3000 Datasheet
86Kb / 12P
   433.92 MHz Hybrid Transceiver
TR3100 RFM-TR3100 Datasheet
107Kb / 12P
   433.92 MHz Hybrid Transceiver
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
TX5000 RFM-TX5000 Datasheet
73Kb / 6P
   433.92 MHz Hybrid Transmitter
RX5500 RFM-RX5500 Datasheet
89Kb / 10P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
DR7000 MURATA-DR7000 Datasheet
400Kb / 7P
   433.92 MHz Transceiver Module
logo
List of Unclassifed Man...
TXD1 ETC-TXD1 Datasheet
99Kb / 3P
   433.92/868.35 MHz Hybrid Transmitter
logo
RF Monolithics, Inc
DM1800-434MN RFM-DM1800-434MN Datasheet
344Kb / 4P
   433.92 MHz Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com