Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLC271M420V30X41SF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLC271M420V30X41SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLC271M420V30X41SF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLC271M420V30X41SF Datasheet HTML 1Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 2Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 3Page - NIC-Components Corp. NRLC271M420V30X41SF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLC Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap.
(µF)
Voltage
(Vdc)
Case Size
(mm)
ESR
(Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
Load Life
@ +85°C
(Hours)
120Hz
120Hz
10K ~ 50KHz
NRLC181M420V30X31SF
180
420
30X31
1.84
1350
1552
3,000
NRLC221M420V22X48SF
220
22X48
1.51
1410
1621
3,000
NRLC221M420V25X41SF
220
25X41
1.51
1440
1656
3,000
NRLC221M420V30X35SF
220
30X35
1.51
1510
1736
3,000
NRLC271M420V25X48SF
270
25X48
1.23
1580
1817
3,000
NRLC271M420V30X41SF
270
30X41
1.23
1740
2001
3,000
NRLC271M420V35X31SF
270
35X31
1.23
1770
2035
3,000
NRLC331M420V25X55SF
330
25X55
1.01
2010
2311
3,000
NRLC331M420V30X45SF
330
30X45
1.01
1800
2070
3,000
NRLC331M420V35X35SF
330
35X35
1.01
1980
2277
3,000
NRLC391M420V30X51SF
390
30X51
0.85
2030
2334
3,000
NRLC391M420V35X41SF
390
35X41
0.85
2070
2380
3,000
NRLC471M420V30X55SF
470
30X55
0.71
2280
2622
3,000
NRLC471M420V35X45SF
470
35X45
0.71
2380
2737
3,000
NRLC561M420V35X51SF
560
35X51
0.59
2690
3093
3,000
NRLC680M450V22X25SF
680
450
22X25
4.88
640
736
3,000
NRLC820M450V22X25SF
820
22X25
4.05
790
908
3,000
NRLC101M450V22X31SF
100
22X31
3.32
860
989
3,000
NRLC101M450V25X25SF
100
25X25
3.32
880
1012
3,000
NRLC121M450V22X35SF
120
22X35
2.76
980
1127
3,000
NRLC121M450V25X31SF
120
25X31
2.76
1000
1150
3,000
NRLC121M450V30X25SF
120
30X25
2.76
1020
1173
3,000
NRLC151M450V22X41SF
150
22X41
2.21
1080
1242
3,000
NRLC151M450V25X35SF
150
25X35
2.21
1130
1299
3,000
NRLC151M450V30X25SF
150
30X25
2.21
1180
1357
3,000
NRLC181M450V22X45SF
180
22X45
1.84
1200
1380
3,000
NRLC181M450V25X41SF
180
25X41
1.84
1280
1472
3,000
NRLC181M450V30X31SF
180
30X31
1.84
1320
1518
3,000
NRLC221M450V25X45SF
220
25X45
1.51
1450
1667
3,000
NRLC221M450V30X35SF
220
30X35
1.51
1500
1725
3,000
NRLC221M450V35X31SF
220
35X31
1.51
1460
1679
3,000
NRLC271M450V25X51SF
270
25X51
1.23
1570
1805
3,000
NRLC271M450V30X41SF
270
30X41
1.23
1730
1989
3,000
NRLC271M450V35X31SF
270
35X31
1.23
1730
1989
3,000
NRLC331M450V30X45SF
330
30X45
1.01
1930
2219
3,000
NRLC331M450V35X35SF
330
35X35
1.01
1960
2254
3,000
NRLC391M450V30X51SF
390
30X51
0.85
2170
2495
3,000
NRLC391M450V35X41SF
390
35X41
0.85
2170
2495
3,000
NRLC471M450V35X45SF
470
35X45
0.71
2450
2817
3,000
NRLC561M450V35X51SF
560
35X51
0.59
2630
3024
3,000


Similar Part No. - NRLC271M420V30X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLC271M420V30X41SF NIC-NRLC271M420V30X41SF Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLC271M420V30X41SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com