Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLPW681M160V22X30SF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRLPW681M160V22X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW681M160V22X30SF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRLPW681M160V22X30SF Datasheet HTML 1Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW681M160V22X30SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(µF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (µA)
ESR (W @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW272M100V25X45SF
100VDC
2700
25X45
0.25
1558
0.154
0.119
2.89
3.32
NRLPW272M100V30X35SF
2700
30X35
0.25
1558
0.154
0.119
2.89
3.32
NRLPW332M100V25X50SF
3300
25X50
0.25
1723
0.126
0.097
3.3
3.79
NRLPW332M100V30X40SF
3300
30X40
0.25
1723
0.126
0.097
3.3
3.79
NRLPW392M100V30X45SF
3900
30X45
0.25
1873
0.107
0.083
3.67
4.22
NRLPW392M100V35X35SF
3900
35X35
0.25
1873
0.107
0.083
3.67
4.22
NRLPW472M100V30X50SF
4700
30X50
0.25
2056
0.089
0.069
3.8
4.37
NRLPW472M100V35X40SF
4700
35X40
0.25
2056
0.089
0.069
3.8
4.37
NRLPW562M100V35X45SF
5600
35X45
0.25
2244
0.075
0.058
4.05
4.65
NRLPW331M160V20X25SF
160VDC
330
20X25
0.2
689
1.005
0.774
1.17
1.75
NRLPW391M160V20X25SF
390
20X25
0.2
749
0.851
0.655
1.28
1.92
NRLPW471M160V20X30SF
470
20X30
0.2
822
0.706
0.544
1.4
2.1
NRLPW471M160V22X25SF
470
22X25
0.2
822
0.706
0.544
1.4
2.1
NRLPW561M160V20X35SF
560
20X35
0.2
897
0.593
0.457
1.5
2.25
NRLPW561M160V22X30SF
560
22X30
0.2
897
0.593
0.457
1.5
2.25
NRLPW681M160V20X40SF
680
20X40
0.2
989
0.488
0.376
1.7
2.55
NRLPW681M160V22X30SF
680
22X30
0.2
989
0.488
0.376
1.7
2.55
NRLPW681M160V25X25SF
680
25X25
0.2
989
0.488
0.376
1.7
2.55
NRLPW821M160V22X35SF
820
22X35
0.2
1086
0.405
0.312
2
3
NRLPW821M160V25X30SF
820
25X30
0.2
1086
0.405
0.312
2
3
NRLPW102M160V22X40SF
1000
22X40
0.2
1200
0.332
0.256
2.2
3.3
NRLPW102M160V25X35SF
1000
25X35
0.2
1200
0.332
0.256
2.2
3.3
NRLPW102M160V30X25SF
1000
30X25
0.2
1200
0.332
0.256
2.2
3.3
NRLPW122M160V25X40SF
1200
25X40
0.2
1314
0.277
0.214
2.3
3.45
NRLPW122M160V30X30SF
1200
30X30
0.2
1314
0.277
0.214
2.3
3.45
NRLPW122M160V35X25SF
1200
35X25
0.2
1314
0.277
0.214
2.3
3.45
NRLPW152M160V25X45SF
1500
25X45
0.2
1469
0.222
0.171
2.5
3.75
NRLPW152M160V30X35SF
1500
30X35
0.2
1469
0.222
0.171
2.5
3.75
NRLPW152M160V35X30SF
1500
35X30
0.2
1469
0.222
0.171
2.5
3.75
NRLPW182M160V30X40SF
1800
30X40
0.2
1609
0.185
0.143
2.7
4.05
NRLPW182M160V35X35SF
1800
35X35
0.2
1609
0.185
0.143
2.7
4.05
NRLPW222M160V30X45SF
2200
30X45
0.2
1779
0.151
0.117
2.9
4.35
NRLPW222M160V35X40SF
2200
35X40
0.2
1779
0.151
0.117
2.9
4.35
NRLPW272M160V35X45SF
2700
35X45
0.2
1971
0.123
0.095
3.1
4.65
NRLPW331M180V20X25SF
180VDC
330
20X25
0.2
731
1.005
0.774
1.2
1.8
NRLPW391M180V20X30SF
390
20X30
0.2
794
0.851
0.655
1.28
1.92
NRLPW391M180V22X25SF
390
22X25
0.2
794
0.851
0.655
1.28
1.92
NRLPW471M180V20X35SF
470
20X35
0.2
872
0.706
0.544
1.38
2.07
NRLPW471M180V22X30SF
470
22X30
0.2
872
0.706
0.544
1.38
2.07
NRLPW561M180V20X40SF
560
20X40
0.2
952
0.593
0.457
1.5
2.25
NRLPW561M180V22X30SF
560
22X30
0.2
952
0.593
0.457
1.5
2.25
NRLPW561M180V25X25SF
560
25X25
0.2
952
0.593
0.457
1.5
2.25
NRLPW681M180V20X45SF
680
20X45
0.2
1049
0.488
0.376
1.7
2.55
NRLPW681M180V22X35SF
680
22X35
0.2
1049
0.488
0.376
1.7
2.55
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW681M160V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW681M160V22X30SF NIC-NRLPW681M160V22X30SF Datasheet
116Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW681M160V22X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com