Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVR10K330S-F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NVR10K330S-F
Description  Leaded Metal Oxide Varistors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NVR10K330S-F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NVR10K330S-F Datasheet HTML 1Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 2Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 3Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 4Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 5Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 6Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 7Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 8Page - NIC-Components Corp. NVR10K330S-F Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Leaded Metal Oxide Varistors
NVR Series
Part Number
Varistor
Voltage
(1mA DC)
Max.
Operating
Voltage
Max. Clamping
Voltage
(8/20
μS)
Max. Surge
Current
(8/20
μS)
Rated
Power
Max.
Energy
(10/1000
μs)
Ref.
Capacitance
@ 1KHz
W
± 1.0
UL1449
3rd Rev.
SPD
Appl.
Vdc (1mA)
Vac
(rms)
Vdc
Ip (A)
Vp
I max. (A)
Watts
Joules
pF
mm
NVR05K180S_ _F
18 (16~20)
11
14
1
40
100
0.01
0.4
1300
1.5
Other
Applications
(See page 8,
table 2)
NVR05K220S_ _F
22 (20~24)
14
18
1
48
100
0.01
0.5
1000
1.5
NVR05K270S_ _F
27 (24~30)
17
22
1
60
100
0.01
0.6
850
1.5
NVR05K330S_ _F
33 (30~36)
20
26
1
73
100
0.01
0.8
700
1.5
NVR05K390S_ _F
39 (35~43)
25
31
1
86
100
0.01
0.9
600
1.5
NVR05K470S_ _F
47 (42~52)
30
38
1
104
100
0.01
1.1
500
1.5
NVR05K560S_ _F
56 (50~62)
35
45
1
123
100
0.01
1.3
400
1.5
NVR05K680S_ _F
68 (61~75)
40
56
1
150
100
0.01
1.6
330
1.5
NVR05K820S_ _F
82 (74~90)
50
65
5
145
400
0.1
2.5
250
1.5
NVR05K101S_ _F
100 (90~110)
60
85
5
175
400
0.1
3
230
1.6
NVR05K121S_ _F
120 (108~132)
75
100
5
210
400
0.1
4
210
1.8
NVR05K151S_ _F
150 (135~165)
95
125
5
260
400
0.1
4.8
190
1.6
NVR05K181S_ _F
180 (162~198)
115
150
5
315
400
0.1
5.9
70
1.4
NVR05K201S_ _F
200 (180~220)
130
170
5
355
400
0.1
6.5
65
1.5
NVR05K221S_ _F
220 (198~242)
140
180
5
380
400
0.1
7
60
1.5
NVR05K241S_ _F
240 (216~264)
150
200
5
415
400
0.1
8
55
1.6
NVR05K271S_ _F
270 (243~297)
175
225
5
475
400
0.1
8.5
50
1.7
NVR05K301S_ _F
300 (270~330)
195
250
5
525
400
0.1
8.5
50
1.9
NVR05K331S_ _F
330 (297~363)
215
275
5
585
400
0.1
9.2
45
2.0
NVR05K361S_ _F
360 (324~396)
230
300
5
620
400
0.1
10
45
2.1
NVR05K391S_ _F
390 (351~429)
250
320
5
675
400
0.1
12
40
2.3
NVR05K431S_ _F
430 (387~473)
275
350
5
745
400
0.1
13
35
2.3
NVR05K471S_ _F
470 (423~517)
300
385
5
810
400
0.1
15
30
2.4
NVR05 SPECIFICATIONS


Similar Part No. - NVR10K330S-F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVR1P02 ONSEMI-NVR1P02 Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
NVR1P02T1 ONSEMI-NVR1P02T1 Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
135Kb / 5P
   Power MOSFET
October, 2011 ??Rev. 6
NVR1P02T1G ONSEMI-NVR1P02T1G Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NVR1P02T1G VBSEMI-NVR1P02T1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVR10K330S-F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
logo
EPCOS
B72210S171K101 EPCOS-B72210S171K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72214S2321K151 EPCOS-B72214S2321K151 Datasheet
725Kb / 34P
   SIOV metal oxide varistors Leaded varistors, AdvanceD series
B72214S1140K552 EPCOS-B72214S1140K552 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
SIOV-S14K130G5S5 EPCOS-SIOV-S14K130G5S5 Datasheet
1Mb / 69P
   SIOV Metal Oxide Varistors Leaded Varistors (StandarD Series)
B72214S551K101 EPCOS-B72214S551K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com