Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTR25D1003BTR1KF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NTR25D1003BTR1KF
Description  Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTR25D1003BTR1KF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NTR25D1003BTR1KF Datasheet HTML 1Page - NIC-Components Corp. NTR25D1003BTR1KF Datasheet HTML 2Page - NIC-Components Corp. NTR25D1003BTR1KF Datasheet HTML 3Page - NIC-Components Corp. NTR25D1003BTR1KF Datasheet HTML 4Page - NIC-Components Corp. NTR25D1003BTR1KF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Thin Film Chip Resistors
NTR Series
(2) PAPER TAPE DIMENSIONS (mm)
FIG. A
P
1
A
F
T
W
B
D
P
0
Cover tape
E
P
2
FIG. A
(2) PLASTIC EMBOSSED TAPE DIMENSIONS (mm)
FIG. B
P
1
A
FW
B
D
P
0
E
P
2
FIG. B
T
Cover tape
LAND PATTERN DIMENSIONS (mm)
A
B
C
PEAK REFLOW
SOLDERING CONDITIONS
200
300
250
50
150
100
0
120 Sec.
260°C
10 Sec.
1 ~ 9°C/Sec.
1 ~ 5°C/Sec.
1 ~ 5°C/Sec.
Type
EIA Size
A
B
D
E
F
P
0
P
1
P
2
WT
NTR02
0201
0.38 ± 0.03
0.68 ± 0.03
1.55 ±0.05 1.75 ±0.10 3.50 ±0.05 4.0 ±0.10
2.0 ± 0.05
2.0 ±0.05 8.0 ±0.1
0.31 ± 0.02
NTR04
0402
0.67 ± 0.03
1.15 ± 0.03
0.40 ± 0.03
NTR06
0603
1.10 ±0.05
1.90 ±0.05
4.0 ±0.05
0.60 ± 0.03
NTR10
0805
1.60 ±0.05
2.37 ±0.05
0.75 ± 0.05
NTR12
1206
2.00 ±0.05
3.55 ±0.05
Type
EIA Size
A
B
D
E
F
P
0
P
1
P
2
WT
NTR25
2010
2.85 ±0.10
5.45 ±0.10
1.50 ±0.10 1.75 ±0.10 5.50 ±0.05 4.0 ±0.10
4.0 ±0.05 2.0 ±0.05 12.0 ±0.1 0.85 ±0.10
NTR50
2512
3.40 ±0.10
6.65 ±0.10
Type
EIA Size
A
B
C
NTR02
0201
0.28
0.20
0.34
NTR04
0402
0.50
0.50
0.60 ± 0.2
NTR06
0603
0.80
0.70
0.90 ± 0.2
NTR10
0805
1.00
1.00
1.35 ± 0.2
NTR12
1206
2.00
1.15
1.70 ± 0.2
NTR25
2010
3.60
1.40
2.40 ± 0.2
NTR50
2512
4.90
1.60
3.00 ± 0.2
11.4 + 1.0 (0402 ~ 1206)
16.4 ± 1.0 (2010 ~ 2512)
9.0 + 0.5 (0402 ~ 1206)
14 ± 0.5 (2010 ~ 2512)
21
± 0.8
2.0
± 0.5
w
1
W
2


Similar Part No. - NTR25D1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
logo
ON Semiconductor
NTR2101P ONSEMI-NTR2101P Datasheet
143Kb / 5P
   Small Signal MOSFET
March, 2006 ??Rev. 4
logo
ZP Semiconductor
NTR2101P ZPSEMI-NTR2101P Datasheet
166Kb / 2P
   Small Signal MOSFET
logo
ON Semiconductor
NTR2101P ONSEMI-NTR2101P Datasheet
102Kb / 6P
   Small Signal MOSFET
October, 2016 ??Rev. 7
NTR2101PT1 ONSEMI-NTR2101PT1 Datasheet
143Kb / 5P
   Small Signal MOSFET
March, 2006 ??Rev. 4
More results

Similar Description - NTR25D1003BTR1KF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT0201 ETC1-RT0201 Datasheet
41Kb / 2P
   Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
MCS04020C3309FE000 VISHAY-MCS04020C3309FE000 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C4759FP500 VISHAY-MCT06030C4759FP500 Datasheet
153Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
MCT06030C2203FP500 VISHAY-MCT06030C2203FP500 Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MC_PRO VISHAY-MC_PRO Datasheet
165Kb / 12P
   Professional Thin Film Chip Resistors
Revision: 24-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com