Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT90MPA Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DNT90MPA
Description  Low Cost 900 MHz FHSS Transceiver Module with I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT90MPA Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  DNT90MPA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT90MPA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
1 . 8 0 0
( 4 5 . 7 )
1 . 1 0 0
( 2 7 . 9 )
D N T 9 0 M P A O u t l i n e a n d M o u n t i n g D i m e n s i o n s
0 . 0 5 0 ( 1 . 2 7 )
1
T o p V i e w
0 . 1 2 5
( 3 . 1 8 )
1 5
1 6
3 0
D i m e n s i o n s i n i n c h e s ( m m )
0 . 4 5 0 ( 1 1 . 4 )
0 . 0 8 0
( 2 . 0 3 )
0 . 2 2 5
( 5 . 7 2 )
0 . 9 8 0
( 2 4 . 9 )
0 . 6 5 0 ( 1 6 . 5 )
A n t e n n a
0 . 1 0 0
( 2 . 5 4 )
0 . 9 8 0
( 2 4 . 9 )
0 . 0 5 0
( 1 . 2 7 )
0 . 7 0 0
( 1 7 . 8 )
0 . 1 0 0
( 2 . 5 4 )
0 . 8 0 0
( 2 0 . 3 )
D N T 9 0 M P A I n t e r f a c e C o n n e c t o r
P C B L a y o u t D e t a i l
C o n n e c t o r s a r e S A M T E C
S L M - 1 1 5 - 0 1 - G - S
o r E q u i v a l e n t
D i m e n s i o n s a r e i n i n c h e s ( m m )
www.RFM.com E-mail: info@rfm.com
Page7of7
© 2012 by RF Monolithics, Inc.
DNT90MCA/MPA - 09/26/12
Note: Specifications subject to change without notice.
Part # M-0090-0000MA, Rev A


Similar Part No. - DNT90MPA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT90MP MURATA-DNT90MP Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MP MURATA-DNT90MP Datasheet
894Kb / 7P
   900 MHz Frequency Hopping Spread Spectrum Transceivers
More results

Similar Description - DNT90MPA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT900P MURATA-DNT900P Datasheet
543Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90MP MURATA-DNT90MP Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90CA MURATA-DNT90CA Datasheet
158Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT900DK MURATA-DNT900DK Datasheet
51Kb / 1P
   900 MHz FHSS Transceiver Module with I/O Development Kit
DNT24PA MURATA-DNT24PA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24CA MURATA-DNT24CA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com