Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT24PA Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DNT24PA
Description  Low Cost 2.4 GHz FHSS Transceiver Module with I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT24PA Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DNT24PA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT24PA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DNT24CA/PA Hardware
The major components of these modules include a
2.4 GHz FHSS transceiver and a low current 8-bit
microcontroller. These modules operate in the 2.4
GHz ISM band. There are 12 selectable hopping pat-
terns providing compatibility with frequency allocations
in most regions of the world. The modules also have
two selectable RF output power levels: 10 mW and
63 mW.
The DNT24CA/PA provide a variety of hardware inter-
faces. There are two serial ports plus one SPI port. Ei-
ther the primary serial port or the SPI port can be
selected for data communications. The second serial
port is dedicated to diagnostics. The primary and diag-
nostic serial ports support most standard baud rates
up to 250.0 kbps. The SPI port supports data rates up
to 500 kbps. These modules also include three ADC
inputs, two DAC outputs, and six general-purpose digi-
tal I/O ports. Four of the digital I/O ports support an
optional interrupt-from-sleep mode when configured
as inputs. The DNT24CA is designed for solder reflow
mounting. The DNT24PA is designed for plug-in con-
nector mounting.
DNT24CA/PA Firmware
DNT24CA/PA firmware operates using hybrid Ad Hoc
TDMA channel access optimized for periodic burst
transmissions. DNT24CA/PA firmware operates “out
of the box” using point-to-point transparent serial
mode, with point-to-multipoint, peer-to-peer and store
& forward system topologies also supported.
The firmware provides the user with a rich set of con-
figuration options including a choice of hopping pat-
terns, hopping dwell times, serial and/or SPI data port
operation, serial and SPI data rate selection, RF out-
put power selection, plus configurable analog and digi-
tal I/O lines.
Data integrity is protected by 24-bit error detection,
with optional ACK and automatic transmission retries
or redundant transmissions. 128-bit AES encryption
provides a high level of data security for sensitive
applications. Sensor networks can take advantage of
timer or event-based data reporting and remote node
sleep cycling for extended battery life.
www.RFM.com E-mail: info@rfm.com
Page3of7
© 2011-2012 by RF Monolithics, Inc.
DNT24CA/PA - 09/26/12
1 8
1 9
2 0
2 1
2 2
2 3
1 7
1 6
2 4
2 5
2 6
1 5
1 4
1 3
1 2
1 1
1 0
9
8
7
6
5
D N T 2 4 C A / D N T 2 4 P A B l o c k D i a g r a m
2 7
M i c r o c o n t r o l l e r
4
3
2
1
R e g
G N D
A C T ( D I A G _ T X )
/ D C D ( D I A G _ R X )
G P I O 0
R A D I O _ T X D
R A D I O _ R X D
G P I O 4 ( / H O S T _ C T S )
G P I O 5 ( / H O S T _ R T S )
D A C 0
G P I O 2
G P I O 1
G P I O 3 ( D A V )
D A C 1
V C C
G N D
+ 3 . 3 V
2 8
2 9
3 0
2 . 4 G H z
T r a n s c e i v e r
I R Q 0
I R Q 1 / D C L K
D A T A
P L L _ L O C K
S C K
S D I
S D O
n S S _ D A T A
n S S _ C O N F I G
R F I O
T / R
T / R
P W R
P R E
F i l t e r
C h i p
A n t e n n a
Figure 1


Similar Part No. - DNT24PA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT24P MURATA-DNT24P Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results

Similar Description - DNT24PA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24CA MURATA-DNT24CA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400C MURATA-DNT2400C Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24P MURATA-DNT24P Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MC MURATA-DNT24MC Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MCA MURATA-DNT24MCA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24C MURATA-DNT24C Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com