Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT24CA Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DNT24CA
Description  Low Cost 2.4 GHz FHSS Transceiver Module with I/O
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DNT24CA Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DNT24CA Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DNT24CA Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin
Name
I/O
Description
1
GND
-
Power supply and signal ground. Connect to the host circuit board ground.
2
ACT
(DIAG_TX)
O
(O)
This pin’s default configuration is data activity output. On a base, this signal blinks when a valid packet is
received. On a remote, this signal blinks when a packet is transmitted. On a router, this signal blinks when
a valid upstream packet is received or a downstream packet is transmitted. Alternate pin function is the di-
agnostic serial port output.
3
/DCD
(DIAG_RX)
O
(I)
This pin’s default configuration is data carrier detect output. On a base, this signal is asserted when any
valid packet is received, and is cleared if no packets are heard for the configured router/remote registra-
tion time-out interval. On a router or remote, this signal is asserted when the radio obtains hopping pattern
synchronization, and remains asserted until no beacons are heard for 50 hops. Alternate pin function is
the diagnostic serial port input.
4
GPIO0
I/O
Configurable digital I/O port 0. When configured as an input, an internal pull-up resistor can be selected
and direct interrupt from sleep can be invoked. When configured as an output, the power-on state is
configurable. In sleep mode the pin direction, input pull-up selection or output state are also separately
configurable.
5
RADIO_TXD
O
Serial data output from the radio.
6
RADIO_RXD
I
Serial data input to the radio.
7
GPOI4
(/HOST_CTS)
I/O
(O)
Default pin function is GPIO4 with the same configuration options as GPIO0. Alternate pin function is
UART/SPI flow control output. The module sets this line low when it is ready to accept data from the host
on the RADIO_RXD or MOSI input. When the line goes high, the host must stop sending data.
8
GPOI5
(/HOST_RTS)
I/O
(I)
Default pin function is GPIO5 with the same configuration options as GPIO0. Alternate pin function is
UART/SPI flow control input. The host sets this line low to allow data to flow from the module on
the RADIO_TXD pin. When the host sets this line high, the module will stop sending data to the host.
9
DAC0
O
12-bit DAC 0 output. Full scale output can be referenced to the voltage at pin 25 or the 3.3 V regulated
module bus voltage.
10
GPIO2
I/O
Configurable digital I/O port 2. Same configuration options as GPIO0.
11
GPIO1
I/O
Configurable digital I/O port 1. Same configuration options as GPIO0.
12
GPIO3
(DAV)
I/O
(O)
Default pin function is GPIO3 with the same configuration options as GPIO0. When SPI slave mode oper-
ation is enabled, a logic high on this pin indicates when data is available to be clocked out by the SPI
master.
13
DAC1
O
12-bit DAC 1 output. Same specifications and configuration options as DAC0.
14
VCC
I
Power supply input, +3.3 to +5.5 Vdc.
15
GND
-
Power supply and signal ground. Connect to the host circuit board ground.
16
GND
-
Power supply and signal ground. Connect to the host circuit board ground.
17
/RESET
I
Active low module hardware reset.
18
ADC0
I
ADC input 0. This pin is a direct ADC input when the ADC is operating in single-ended mode, or the differ-
ential negative input for positive inputs applied to ADC1 or ADC2 when the ADC is operating in differential
mode. Full-scale reading can be referenced to Pin 25 for ratiometric measurements. For absolute mea-
surements, the ADC can use either the regulated supply voltage divided by 1.6 (about 2.06 V), or an ex-
ternal voltage applied to Pin 25. In single-ended mode, ADC measurements are 11-bit unsigned values
with full scale nominally 2.7 V when referenced to a 2.7 V input on Pin 27. In differential mode, ADC mea-
surements are 12-bit signed values.
19
ADC1
I
ADC input 1. Direct input when the ADC is operating in single-ended mode, positive differential input rela-
tive to ADC0 when the ADC is operating in differential mode.
20
MISO
I/O
This pin is the SPI master mode input or slave mode output.
21
MOSI
I/O
This pin is the SPI master mode output or slave mode input.
22
/SS
I/O
SPI active low slave select. This pin is an output when the module is operating as a master, and an input
when it is operating as a slave.
www.RFM.com E-mail: info@rfm.com
Page4of7
© 2011-2012 by RF Monolithics, Inc.
DNT24CA/PA - 09/26/12
DNT24CA/PA I/O Descriptions


Similar Part No. - DNT24CA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT24C MURATA-DNT24C Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
More results

Similar Description - DNT24CA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DNT24PA MURATA-DNT24PA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MP MURATA-DNT24MP Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400P MURATA-DNT2400P Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT2400C MURATA-DNT2400C Datasheet
446Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24P MURATA-DNT24P Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MC MURATA-DNT24MC Datasheet
149Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24MCA MURATA-DNT24MCA Datasheet
143Kb / 7P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT24C MURATA-DNT24C Datasheet
150Kb / 8P
   Low Cost 2.4 GHz FHSS Transceiver Module with I/O
DNT90C MURATA-DNT90C Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
DNT90P MURATA-DNT90P Datasheet
157Kb / 7P
   Low Cost 900 MHz FHSS Transceiver Module with I/O
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com