Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTC-T107K2.5TRAF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTC-T107K2.5TRAF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T107K2.5TRAF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTC-T107K2.5TRAF Datasheet HTML 1Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 2Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 3Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 4Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 5Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 6Page - NIC-Components Corp. NTC-T107K2.5TRAF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
STANDARD AND EXTENDED PRODUCT SPECIFICATIONS TABLE
Tantalum Chip Capacitors
NTC-T Series
*Extended Case Sizes
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Dissipation Factor
@ 120Hz/20°C
Leakage Current (
μA)
@ 20°C
ESR (ohms)
@ 100KHz/20°C
Ripple Current Rating (mA)
@ 100KHz/25°C
NTC-T156K2.5TRAF
15*
2.5
8%
0.5
5.0
118
NTC-T226M2.5TRPF
22
2.5
20%
0.55
4.0
79
NTC-T226K2.5TRAF
22*
2.5
8%
0.55
4.0
132
NTC-T336M2.5TRPF
33
2.5
20%
0.83
5.0
71
NTC-T336K2.5TRAF
33*
2.5
8%
0.83
3.5
141
NTC-T476K2.5TRAF
47*
2.5
12%
1.18
4.5
125
NTC-T686K2.5TRAF
68
2.5
18%
1.7
2.0
187
NTC-T686K2.5TRBF
68
2.5
8%
1.7
2.0
200
NTC-T107K2.5TRAF
100
2.5
30%
2.5
2.0
187
NTC-T107K2.5TRBF
100
2.5
8%
2.5
2.0
200
NTC-T157K2.5TRBF
150*
2.5
16%
3.75
5.0
126
NTC-T227K2.5TRBF
220
2.5
18%
5.5
2.0
200
NTC-T477K2.5TRCF
470
2.5
18%
11.75
1.2
303
NTC-T335M4TRPF
3.3
4
20%
0.5
20
35
NTC-T335K4TRAF
3.3
4
4%
0.5
8.0
94
NTC-T475M4TRPF
4.7
4
20%
0.5
12
46
NTC-T475K4TRAF
4.7
4
4%
0.5
7.5
97
NTC-T685M4TRPF
6.8
4
20%
0.5
12
46
NTC-T685K4TRAF
6.8*
4
8%
0.5
6.0
108
NTC-T106K4TRAF
10*
4
8%
0.5
5.0
118
NTC-T106K4TRBF
10
4
6%
0.5
3.5
151
NTC-T156K4TRAF
15*
4
8%
0.6
4.0
132
NTC-T156K4TRBF
15*
4
8%
0.6
3.0
163
NTC-T226K4TRAF
22*
4
8%
0.88
3.5
141
NTC-T226K4TRBF
22*
4
8%
0.88
2.8
169
NTC-T336K4TRAF
33*
4
10%
1.32
4.5
39
NTC-T336K4TRBF
33*
4
8%
1.32
2.4
183
NTC-T476K4TRAF
47
4
12%
1.88
5.0
118
NTC-T476K4TRBF
47*
4
8%
1.88
2.4
188
NTC-T476K4TRCF
47*
4
8%
1.88
1.8
247
NTC-T686K4TRAF
68
4
12%
2.72
2.5
167
NTC-T686K4TRBF
68*
4
8%
2.72
2.0
200
NTC-T686K4TRCF
68*
4
8%
2.72
1.6
262
NTC-T107K4TRAF
100
4
30%
4.0
2.0
187
NTC-T107K4TRBF
100*
4
12%
4.0
2.0
200
NTC-T107K4TRCF
100*
4
8%
4.0
1.2
303
NTC-T107K4TRDF
100*
4
8%
4.0
0.8
433
NTC-T157K4TRBF
150
4
18%
6.0
2.0
200
NTC-T157K4TRCF
150*
4
10%
6.0
1.0
332
NTC-T157K4TRDF
150*
4
8%
6.0
0.7
463
NTC-T227K4TRBF
220
4
18%
8.8
0.5
400
NTC-T227K4TRCF
220
4
12%
8.8
1.2
303
NTC-T227K4TRDF
220*
4
8%
8.8
0.7
463
NTC-T477K4TRDF
470
4
16%
18.8
1.0
387
NTC-T687K4TRDF
680*
4
25%
27.2
0.3
707
NTC-T105M6.3TRPF
1.0
6.3
10%
0.5
25
32
NTC-T155M6.3TRPF
1.5
6.3
10%
0.5
25
32
NTC-T225M6.3TRPF
2.2
6.3
20%
0.5
20
35
NTC-T225K6.3TRAF
2.2
6.3
4%
0.5
8.0
94
NTC-T335M6.3TRPF
3.3
6.3
20%
0.5
13
44
NTC-T335K6.3TRAF
3.3
6.3
4%
0.5
7.5
97
NTC-T475M6.3TRPF
4.7
6.3
20%
0.5
12
29
NTC-T475K6.3TRAF
4.7*
6.3
8%
0.5
6.0
41
NTC-T685K6.3TRPF
6.8
6.3
20%
0.5
12
29
NTC-T685K6.3TRAF
6.8*
6.3
8%
0.5
5.0
45
NTC-T685K6.3TRBF
6.8*
6.3
6%
0.5
3.5
53
NTC-T106M6.3TRPF
10
6.3
20%
0.63
12
46
NTC-T106K6.3TRAF
10*
6.3
8%
0.63
4.0
132
NTC-T106K6.3TRBF
10
6.3
6%
0.63
3.0
163
Note: 20% (M) tolerance parts available special order


Similar Part No. - NTC-T107K2.5TRAF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T107K2.5TRAF NIC-NTC-T107K2.5TRAF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K2.5TRAF NIC-NTC-T107K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K2.5TRAF NIC-NTC-T107K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K2.5TRAF NIC-NTC-T107K2.5TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T107K2.5TRAF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com