Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCL2702-L Datasheet(PDF) 1 Page - RFHIC

Part # LCL2702-L
Description  Multichip Hybrid Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

LCL2702-L Datasheet(HTML) 1 Page - RFHIC

  LCL2702-L Datasheet HTML 1Page - RFHIC LCL2702-L Datasheet HTML 2Page - RFHIC LCL2702-L Datasheet HTML 3Page - RFHIC LCL2702-L Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCM LNA
LCL2302-L / LCL2702-L
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 4
Version 6.2
Product Features
Applications
• Multichip Hybrid Module
• GaAs p-HEMT & MESFET chip on board
• No matching circuit needed
• High IP3 & Low Noise
• Single Supply Voltage (+5V)
• Surface Mount Hybrid Type
• Tape & Reel Packaging
• Small Size, High Heatsink
• Alumina Substrate
• Pb Free / RoHS Standard
• 2G & 3G Repeater
• Base Station
• PCS, CDMA, W-CDMA
• GSM, DCS, UMTS
• WiMAX, Wibro, WLAN
• RF Sub-Systems
Description
RFHIC’s LOW Noise Amplifier series are all hybrid LNA type products which includes all matching for the convenience of customers.
LCL series are focused on higher OIP3 while maintaining low noise. The structure of the device is built with GaAs p-HEMT die
attached on a ceramic thick film substrate. The device is still smaller than the area one would use for the application notes all together.
Depending on the part number, one can use this in different frequency applications. All LNA hybrids are possible to have custom
frequency & spec without any additional NRE cost involved. All RFHIC products are RoHS compliant.
Electrical Specifications
PARAMETER
UNIT
LCL2302-L
LCL2702-L
Frequency Range
MHz
2200 ~ 2400
2500 ~ 2700
Small Signal Gain (S21)
dB
21.5
20.5
Gain Flatness
dB
±0.5
±0.5
Input Return Loss (S11)
dB
-15
-15
Output Return Loss (S22)
dB
-13
-13
1dB Compression Point (P1dB)
dBm
20
20
Output 3
rd Order Intercept Point
(OIP3) (TYP.)
dBm
35
34
Noise Figure (TYP.)
dB
0.9
1
DC Supply
Current (Vdc=+5V)
mA
150 ~ 190
150 ~ 190
Test Condition
① Supply voltage = +5V, 50ohm System, Ta = 25℃
② OIP3 is measured with two tones, at an output power of +10dBm/tone separated by 1MHz.
Package Type : CP-16B


Similar Part No. - LCL2702-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL2702-L RFHIC-LCL2702-L Datasheet
187Kb / 3P
   MCM LNA
More results

Similar Description - LCL2702-L

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL1503-L RFHIC-LCL1503-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL0912-L RFHIC-LCL0912-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL1903-L RFHIC-LCL1903-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL2112-L RFHIC-LCL2112-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL3322-L RFHIC-LCL3322-L_14 Datasheet
176Kb / 4P
   Multichip Hybrid Module
LCL1904-L RFHIC-LCL1904-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL3212-L RFHIC-LCL3212-L_14 Datasheet
177Kb / 4P
   Multichip Hybrid Module
LCL2603-L RFHIC-LCL2603-L_14 Datasheet
186Kb / 4P
   Multichip Hybrid Module
logo
Texas Instruments
SMJ320MCM42C TI-SMJ320MCM42C Datasheet
202Kb / 16P
[Old version datasheet]   DUAL SMJ320C40 MULTICHIP MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com