Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTI06-56NTRF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NTI06-56NTRF
Description  Thin Film Chip Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTI06-56NTRF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NTI06-56NTRF Datasheet HTML 1Page - NIC-Components Corp. NTI06-56NTRF Datasheet HTML 2Page - NIC-Components Corp. NTI06-56NTRF Datasheet HTML 3Page - NIC-Components Corp. NTI06-56NTRF Datasheet HTML 4Page - NIC-Components Corp. NTI06-56NTRF Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
14
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Available Values - 0603 Case Size
Inductance
Value (nH)
Part
Number
DC Resistance
Max. (
Ω)
DC Current
Max. (mA)
Available Tolerances & Tolerance Codes
Q Factor Min.
& Test Frequency
SRF
Min. (GHz)
1.0
NTI06_1N0TRF
0.35
800
±0.1nH (B), ±0.2nH (C), ±0.3nH (D)
15 @ 300MHz
13
1.2
NTI06_1N2TRF
1.5
NTI06_1N5TRF
10
1.8
NTI06_1N8TRF
300
2.2
NTI06_2N2TRF
8
2.7
NTI06_2N7TRF
0.45
6
3.3
NTI06_3N3TRF
3.9
NTI06_3N9TRF
4.7
NTI06_4N7TRF
0.55
5
5.6
NTI06_5N6TRF
0.65
6.8
NTI06_6N8TRF
0.75
8.2
NTI06_8N2TRF
0.95
4
10
NTI06_10NTRF
±1% (F), ±2% (G), ±5% (J)
12
NTI06_12NTRF
1.05
3
15
NTI06_15NTRF
1.35
18
NTI06_18NTRF
1.65
2
22
NTI06_22NTRF
1.95
250
27
NTI06_27NTRF
2.35
33
NTI06_33NTRF
2.75
1.5
39
NTI06_39NTRF
3.00
200
47
NTI06_47NTRF
56
NTI06_56NTRF
5.00
150
1
68
NTI06_68NTRF
100
NTI06_R10TRF
7.50
100
Thin Film Chip Inductors
NTI Series
TAPE AND REEL DIMENSIONS (mm)
9.5 ± 1.0
11.5
±1.0
13.5±0.7
φDo
P
1
t
A
P
0
P
2
Sprocket Hole
Type
A
B
E
F
W
P0
P1
P2
t
Reel Quantity
NTI02
0.40 ± 0.05
0.70 ± 0.05
1.75 ± 0.05 3.5 ± 0.05 8.0 ± 0.10 4.0 ± 0.10
2.0 ± 0.05
2.0 ± 0.05
0.42 ± 0.02
10,000
NTI04
0.70 ± 0.05
1.16 ± 0.05
0.40 ± 0.03
10,000
NTI06
1.10 ± 0.10
1.90 ± 0.10
4.0 ± 0.10
0.60 ± 0.03
5,000


Similar Part No. - NTI06-56NTRF

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
NTIC MERITEK-NTIC Datasheet
3Mb / 20P
   Radial lead resin coated
More results

Similar Description - NTI06-56NTRF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603_12 Datasheet
100Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com