Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MPC5607B Microcontroller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5607B Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5607B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
Introduction
MPC5607B Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device.
1.2
Description
This family of 32-bit system-on-chip (SoC) microcontrollers is the latest achievement in integrated automotive application
controllers. It belongs to an expanding family of automotive-focused products designed to address the next wave of body
electronics applications within the vehicle.
The advanced and cost-efficient e200z0h host processor core of this automotive controller family complies with the
Power Architecture technology and only implements the VLE (variable-length encoding) APU (Auxiliary Processor Unit),
providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and
is supported with software drivers, operating systems and configuration code to assist with users implementations.
Table 1. MPC5607B family comparison1
Feature
MPC5605B
MPC5606B
MPC5607B
CPU
e200z0h
Execution speed2
Up to 64 MHz
Code flash memory
768 KB
1 MB
1.5 MB
Data flash memory
64 (4
16) KB
SRAM
64 KB
80 KB
96 KB
MPU
8-entry
eDMA
16 ch
10-bit ADC
Yes
dedicated3
7 ch
15ch
29ch
15ch
29ch
shared with 12-bit ADC
19 ch
12-bit ADC
Yes
dedicated4
5 ch
shared with 10-bit ADC
19 ch
Total timer I/O5 eMIOS
37 ch,
16-bit
64 ch, 16-bit
Counter / OPWM / ICOC6
10 ch
O(I)PWM / OPWFMB /
OPWMCB / ICOC7
7ch
O(I)PWM / ICOC8
7ch
14 ch
OPWM / ICOC9
13 ch
33 ch
SCI (LINFlex)
4
8
10
SPI (DSPI)
3
5
6
5
6


Similar Part No. - MPC5607B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5607B FREESCALE-MPC5607B Datasheet
1Mb / 92P
   Microcontroller
MPC5607B FREESCALE-MPC5607B Datasheet
779Kb / 110P
   MPC5607B Microcontroller
MPC5607B FREESCALE-MPC5607B Datasheet
914Kb / 110P
   MicrocontrollerData Sheet
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5607B FREESCALE-MPC5607B Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
More results

Similar Description - MPC5607B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PPC5605BCLQ64 FREESCALE-PPC5605BCLQ64 Datasheet
779Kb / 110P
   MPC5607B Microcontroller
logo
NXP Semiconductors
MPC5607B NXP-MPC5607B Datasheet
995Kb / 114P
   MPC5607B Microcontroller Data Sheet
Rev. 10, 10/2021
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com