Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRZJ470M35V5X11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NRZJ470M35V5X11F
Description  Miniature Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRZJ470M35V5X11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NRZJ470M35V5X11F Datasheet HTML 1Page - NIC-Components Corp. NRZJ470M35V5X11F Datasheet HTML 2Page - NIC-Components Corp. NRZJ470M35V5X11F Datasheet HTML 3Page - NIC-Components Corp. NRZJ470M35V5X11F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap.
(µF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Ripple Current Rating (mA)
+105°C/100KHz
Max. Z (Ω) 100KHz
Load Life Hours
@+105°C
+20°C
-10°C
NRZJ331M63V10X25F
330
63
0.09
1990
0.046
0.19
10,000
NRZJ391M63V12.5X20F
390
0.09
1990
0.041
0.13
10,000
NRZJ471M63V12.5X25F
470
0.09
2460
0.031
0.093
10,000
NRZJ561M63V12.5X30F
560
0.09
2760
0.028
0.084
10,000
NRZJ561M63V16X20F
560
0.09
2380
0.032
0.096
10,000
NRZJ681M63V12.5X35F
680
0.09
3040
0.024
0.072
10,000
NRZJ821M63V16X25F
820
0.09
2890
0.025
0.075
10,000
NRZJ120M80V5X11F
12
80
0.08
220
1.2
5.4
6,000
NRZJ270M80V6.3X11F
27
0.08
370
0.46
2.1
6,000
NRZJ470M80V8X11.5F
47
0.08
620
0.29
1.3
8,000
NRZJ560M80V8X16F
56
0.08
780
0.20
0.90
9,000
NRZJ680M80V10X12.5F
68
0.08
780
0.17
0.66
9,000
NRZJ820M80V8X20F
82
0.08
1040
0.16
0.66
9,000
NRZJ101M80V10X16F
100
0.08
1040
0.11
0.47
10,000
NRZJ151M80V10X20F
150
0.08
1430
0.084
0.34
10,000
NRZJ151M80V12.5X16F
150
0.08
1430
0.11
0.34
10,000
NRZJ181M80V10X25F
180
0.08
1620
0.069
0.28
10,000
NRZJ221M80V12.5X20F
220
0.08
1750
0.062
0.18
10,000
NRZJ271M80V12.5X25F
270
0.08
2210
0.047
0.14
10,000
NRZJ331M80V12.5X30F
330
0.08
2400
0.042
0.13
10,000
NRZJ331M80V16X20F
330
0.08
1950
0.048
0.15
10,000
NRZJ391M80V12.5X35F
390
0.08
2600
0.036
0.11
10,000
NRZJ471M80V12.5X40F
470
0.08
2860
0.032
0.095
10,000
NRZJ471M80V16X25F
470
0.08
2430
0.038
0.120
10,000
NRZJ471M80V18X20F
470
0.08
2270
0.045
0.140
10,000
NRZJ561M80V16X31.5F
560
0.08
2640
0.032
0.095
10,000
NRZJ681M80V16X35.5F
680
0.08
2860
0.029
0.086
10,000
NRZJ681M80V18X25F
680
0.08
2500
0.036
0.110
10,000
NRZJ821M80V16X40F
820
0.08
3510
0.027
0.081
10,000
NRZJ821M80V18X31.5F
820
0.08
2860
0.03
0.090
10,000
NRZJ102M80V18X35.5F
1000
0.08
3510
0.027
0.081
10,000
NRZJ122M80V18X40F
1200
0.08
3860
0.026
0.076
10,000
NRZJ8R2M100V5X11F
8.2
100
0.08
220
1.2
5.4
6,000
NRZJ180M100V6.3X11F
18
0.08
370
0.46
2.1
6,000
NRZJ330M100V8X11.5F
33
0.08
620
0.29
1.3
8,000
NRZJ470M100V8X16F
47
0.08
780
0.20
0.90
9,000
NRZJ560M100V10X12.5F
56
0.08
780
0.17
0.66
9,000
NRZJ680M100V8X20F
68
0.08
1040
0.16
0.66
9,000
NRZJ820M100V10X16F
82
0.08
1040
0.11
0.47
10,000
NRZJ101M100V10X20F
100
0.08
1430
0.084
0.34
10,000
NRZJ101M100V12.5X16F
100
0.08
1430
0.11
0.34
10,000
NRZJ121M100V10X25F
120
0.08
1620
0.069
0.28
10,000
NRZJ151M100V12.5X20F
150
0.08
1750
0.062
0.18
10,000
NRZJ221M100V12.5X25F
220
0.08
2210
0.047
0.14
10,000
NRZJ271M100V12.5X30F
270
0.08
2400
0.042
0.13
10,000
NRZJ271M100V16X20F
270
0.08
1950
0.048
0.15
10,000
NRZJ331M100V12.5X35F
330
0.08
2600
0.036
0.11
10,000
NRZJ391M100V12.5X40F
390
0.08
2860
0.032
0.095
10,000
NRZJ391M100V16X25F
390
0.08
2430
0.038
0.120
10,000
NRZJ391M100V18X20F
390
0.08
2270
0.045
0.140
10,000
NRZJ471M100V16X31.5F
470
0.08
2640
0.032
0.095
10,000
NRZJ471M100V18X25F
470
0.08
2500
0.036
0.110
10,000
NRZJ561M100V16X35.5F
560
0.08
2860
0.029
0.086
10,000
NRZJ561M100V18X31.5F
560
0.08
2860
0.030
0.090
10,000
NRZJ681M100V16X40F
680
0.08
3510
0.027
0.081
10,000
NRZJ681M100V18X35.5F
680
0.08
3510
0.027
0.081
10,000
NRZJ821M100V18X40F
820
0.08
3860
0.026
0.076
10,000
NRZJ Series
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT, SPECIFICATIONS AND CASE SIZES D f x L (mm)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at
www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel:
tpmg@niccomp.com


Similar Part No. - NRZJ470M35V5X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRZJ470M35V5X11F NIC-NRZJ470M35V5X11F Datasheet
247Kb / 4P
   Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRZJ470M35V5X11F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com