Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

374000 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 374000
Description  Male Connector R 96 Solder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

374000 Datasheet(HTML) 1 Page - ERNI Electronics

  374000 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
78,74
2,54
31x2,54=78,74
2x2,54=5,08
2,54
A3
prior notice.
contact one of the ERNI companies
STVR
Male Connector R 96 Solder
Messerleiste R 96 Löt
374000
2:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Index
Date
B
15.02.2010
class
Anforderungsstufe
date
Datum
XXXXXXX
Stecklänge
mating length
-0,2
88
95
max.
c32
a1
a32
c1
1
2,8
+0,4
83,2
85,2
+0,2
+0,1
90 ±0,1
a b c
S
S
S
S
S
a
b
c
S
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
contact layout
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
SS
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
Bestückungsplan /
all holes
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
Leiterplatten-Lochbild /
PCB drillhole pattern
alle Löcher
0,05
2,54
=78,74
2,8
+0,1
1 ±0,1
31x 2,54
90
Lötanschluß 0,6x0,6mm /
Solder Terminal 0,6x0,6mm
Isolierwerkstoff
/ housing material : PBT GF 30
Bauart 4 / t
ype 4
Anforderungsstufe 2 = 400 Steckzyklen
/ performance class 2 = 400 mating cycles
Fehlende Maße und Angaben nach IEC 60 603-2 / DIN EN 60 603-2
Missing information and dimensions per IEC 60 603-2 / DIN EN 60 603-2
Bedruckung siehe Zeichnung 294905
Marking see drawing 294905
mating length
/ nacheilend
Stecklänge /
E =
early mate, late break / voreilend
S = standard
L =
late mate, early break
L S E


Similar Part No. - 374000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
37400 ETC2-37400 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
logo
ERNI Electronics
374001 ERNI-374001 Datasheet
72Kb / 1P
   Male Connector R 96 Solder
374002 ERNI-374002 Datasheet
60Kb / 1P
   Male Connector R 64 Solder
logo
Adels-Contact
374002 ADELS-374002 Datasheet
118Kb / 1P
   GSK 865/ 2
logo
ERNI Electronics
374003 ERNI-374003 Datasheet
46Kb / 1P
   Male Con. R/3, 30 Solder
More results

Similar Description - 374000

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374200 ERNI-374200 Datasheet
71Kb / 1P
   Male Connector R 96 Solder
374199 ERNI-374199 Datasheet
71Kb / 1P
   Male Connector R 96 Solder
374001 ERNI-374001 Datasheet
72Kb / 1P
   Male Connector R 96 Solder
374543 ERNI-374543 Datasheet
55Kb / 1P
   Male Connector C 96 Solder
374203 ERNI-374203 Datasheet
60Kb / 1P
   Male Connector R 64 Solder
374204 ERNI-374204 Datasheet
50Kb / 1P
   Male Connector R 32 Solder
374002 ERNI-374002 Datasheet
60Kb / 1P
   Male Connector R 64 Solder
374205 ERNI-374205 Datasheet
60Kb / 1P
   Male Connector R 64 Solder
100303210017 ERNI-100303210017 Datasheet
124Kb / 1P
   Fem. Connector C 96 Solder
214836 ERNI-214836 Datasheet
118Kb / 1P
   Fem. Connector C 96 Solder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com